Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9002 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM9002
Description  16-Bit, 20Msps Low Power Dual ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 1 Page - Linear Technology

  LTM9002 Datasheet HTML 1Page - Linear Technology LTM9002 Datasheet HTML 2Page - Linear Technology LTM9002 Datasheet HTML 3Page - Linear Technology LTM9002 Datasheet HTML 4Page - Linear Technology LTM9002 Datasheet HTML 5Page - Linear Technology LTM9002 Datasheet HTML 6Page - Linear Technology LTM9002 Datasheet HTML 7Page - Linear Technology LTM9002 Datasheet HTML 8Page - Linear Technology LTM9002 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
2188f
LTC2188
Typical applicaTion
FeaTures
applicaTions
DescripTion
16-Bit, 20Msps Low Power
Dual ADC
n
Communications
n
Cellular Base Stations
n
Software Defined Radios
n
Portable Medical Imaging
n
Multi-Channel Data Acquisition
n
Nondestructive Testing
n
Two-Channel Simultaneously Sampling ADC
n
77dB SNR
n
90dB SFDR
n
Low Power: 76mW Total, 38mW per Channel
n
Single 1.8V Supply
n
CMOS, DDR CMOS, or DDR LVDS Outputs
n
Selectable Input Ranges: 1VP-P to 2VP-P
n
550MHz Full Power Bandwidth S/H
n
Optional Data Output Randomizer
n
Optional Clock Duty Cycle Stabilizer
n
Shutdown and Nap Modes
n
Serial SPI Port for Configuration
n
64-Lead (9mm
× 9mm) QFN Package
The LTC®2188 is a two-channel simultaneous sampling
16-bitA/Dconverterdesignedfordigitizinghighfrequency,
wide dynamic range signals. It is perfect for demanding
communications applications with AC performance that
includes77dBSNRand90dBspuriousfreedynamicrange
(SFDR).Ultralowjitterof0.07psRMSallowsundersampling
of IF frequencies with excellent noise performance.
DC specs include ±2LSB INL (typ), ±0.5LSB DNL (typ)
and no missing codes over temperature. The transition
noise is 3.2LSBRMS.
The digital outputs can be either full rate CMOS, Double
Data Rate CMOS, or Double Data Rate LVDS. A separate
output power supply allows the CMOS output swing to
range from 1.2V to 1.8V.
The ENC+ and ENC– inputs may be driven differentially
or single-ended with a sine wave, PECL, LVDS, TTL, or
CMOS inputs. An optional clock duty cycle stabilizer al-
lows high performance at full speed for a wide range of
clock duty cycles.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Integral Non-Linearity (INL)
CMOS,
DDR CMOS
OR DDR LVDS
OUTPUTS
1.8V
VDD
1.8V
OVDD
CLOCK
CONTROL
D1_15
D1_0
2188 TA01a
CH 1
ANALOG
INPUT
OUTPUT
DRIVERS
•
•
•
GND
OGND
S/H
16-BIT
ADC CORE
CH 2
ANALOG
INPUT
S/H
16-BIT
ADC CORE
D2_15
D2_0
•
•
•
20MHz
CLOCK
OUTPUT CODE
0
–4.0
–3.0
–2.0
–1.0
0
1.0
4.0
3.0
2.0
16384
32768
49152
65536
2188 TA01b


Similar Part No. - LTM9002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
14-Bit Dual-Channel IF/Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
455Kb / 36P
14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTM9002 LINER-LTM9002 Datasheet
644Kb / 34P
Dual 14-Bit 250Msps
LTM9002 LINER-LTM9002 Datasheet
520Kb / 32P
16-Bit, 20Msps Low Power ADC
LTM9002 LINER-LTM9002 Datasheet
584Kb / 36P
16-Bit, 20Msps Low Noise Dual ADC
More results

Similar Description - LTM9002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
16-Bit, 20Msps Low Power ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
16-Bit, 20Msps Low Noise Dual ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
16-Bit, 20Msps Low Noise ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC2271 LINER-LTC2271_15 Datasheet
405Kb / 24P
16-Bit, 20Msps Serial Low Noise Dual ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
16-Bit, 20Msps Low Power ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
16-Bit, 20Msps Low Noise Dual ADC
LTC2271 LINER-LTC2271 Datasheet
405Kb / 24P
16-Bit, 20Msps Serial Low Noise Dual ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com