Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3631 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3631
Description  High Efficiency, 65V 500mA Synchronous
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3631 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3631 Datasheet HTML 17Page - Linear Technology LTC3631 Datasheet HTML 18Page - Linear Technology LTC3631 Datasheet HTML 19Page - Linear Technology LTC3631 Datasheet HTML 20Page - Linear Technology LTC3631 Datasheet HTML 21Page - Linear Technology LTC3631 Datasheet HTML 22Page - Linear Technology LTC3631 Datasheet HTML 23Page - Linear Technology LTC3631 Datasheet HTML 24Page - Linear Technology LTC3631 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC3630
21
3630fb
TYPICAL APPLICATIONS
VFB
ISET
SW
L1
10μH
VIN
RUN
COUT
10μF
CIN
2.2μF
CSS
100nF
RISET
100k
CIN: MURATA GRM42-2X7R225K25D500
COUT: KEMET C1206C206K9PAC
L1: VISHAY IHLP2020BZ-100M-11
VOUT
3.3V
250mA
VIN
4V TO 24V
3630 TA02a
FBO
SS
VPRG1
VPRG2
GND
LTC3630
4V to 24V Input to 3.3V Output,
250mA Regulator with External Soft-Start, Small Size
4V to 53V Input to –12V Output, Positive-to-Negative Converter
Efficiency and Power Loss vs Load Current
Maximum Load Current vs Input Voltage
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
10
1
0
100
1000
60
40
0.1
10
100
3630 TA02b
0
1
EFFICIENCY
POWER
VOUT = 3.3V
INPUT VOLTAGE (V)
5
0
100
300
400
500
15
25
30
50
3630 TA03b
200
10
20
35
40
45
VOUT = –12V
VFB
SW
L1
22μH
VIN
RUN
ISET
FBO
COUT
22μF
R1
200k
CIN
4.7μF
100V
CIN: KEMET C1210C475K5RAC
COUT: TDK C4532X7R1C226M
L1: COILCRAFT MSS1048-223ML
VOUT
–12V
VIN
4V TO 53V
3630 TA03a
SS
VPRG2
VPRG1
GND
LTC3630
R2
147k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com