Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3971 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3971
Description  High Efficiency, 65V 500mA Synchronous
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3971 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3971 Datasheet HTML 9Page - Linear Technology LT3971 Datasheet HTML 10Page - Linear Technology LT3971 Datasheet HTML 11Page - Linear Technology LT3971 Datasheet HTML 12Page - Linear Technology LT3971 Datasheet HTML 13Page - Linear Technology LT3971 Datasheet HTML 14Page - Linear Technology LT3971 Datasheet HTML 15Page - Linear Technology LT3971 Datasheet HTML 16Page - Linear Technology LT3971 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC3630
13
3630fb
APPLICATIONS INFORMATION
Different core materials and shapes will change the size/
current and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials are
small and do not radiate energy but generally cost more
than powdered iron core inductors with similar charac-
teristics. The choice of which style inductor to use mainly
depends on the price versus size requirements and any
radiated field/EMI requirements. New designs for surface
mount inductors are available from Coiltronics, Coilcraft,
TDK, Toko, and Sumida.
CIN and COUT Selection
The input capacitor, CIN, is needed to filter the trapezoidal
current at the source of the top high side MOSFET. CIN
should be sized to provide the energy required to charge
the inductor without causing a large decrease in input
voltage (ΔVIN). The relationship between CIN and ΔVIN
is given by:
CIN >
L•IPEAK2
2• VIN • ΔVIN
It is recommended to use a larger value for CIN than
calculated by the above equation since capacitance de-
creases with applied voltage. In general, a 4.7μF X7R
ceramic capacitor is a good choice for CIN in most LTC3630
applications.
To minimize large ripple voltage, a low ESR input capaci-
tor sized for the maximum RMS current should be used.
RMS current is given by:
IRMS = IOUT(MAX) •
VOUT
VIN
•
VIN
VOUT
–1
This formula has a maximum at VIN = 2VOUT, where IRMS =
IOUT/2.Thissimpleworst-caseconditioniscommonlyused
for design because even significant deviations do not offer
much relief. Note that ripple current ratings from capacitor
manufacturers are often based only on 2000 hours of life
which makes it advisable to further derate the capacitor,
or choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to meet
size or height requirements in the design.
The output capacitor, COUT, filters the inductor’s ripple
current and stores energy to satisfy the load current when
the LTC3630 is in sleep. The output ripple has a lower limit
of VOUT/160 due to the 5mV typical hysteresis of the feed-
back comparator. The time delay of the comparator adds
an additional ripple voltage that is a function of the load
current. During this delay time, the LTC3630 continues to
switch and supply current to the output. The output ripple
can be approximated by:
ΔVOUT ≈
IPEAK
2
–ILOAD
⎛
⎝
⎜
⎞
⎠
⎟ •
4• 10–6
COUT
+
VOUT
160
The output ripple is a maximum at no load and approaches
lower limit of VOUT/160 at full load. Choose the output
capacitor COUT to limit the output voltage ripple ΔVOUT
using the following equation:
COUT ≥
IPEAK •2 • 10
–6
ΔVOUT –
VOUT
160
The value of the output capacitor must be large enough
to accept the energy stored in the inductor without a large
change in output voltage during a single switching cycle.
Setting this voltage step equal to 1% of the output voltage,
the output capacitor must be:
COUT > 50 • L •
IPEAK
VOUT
⎛
⎝
⎜
⎞
⎠
⎟
2
Typically, a capacitor that satisfies the voltage ripple re-
quirement is adequate to filter the inductor ripple. To avoid
overheating, the output capacitor must also be sized to
handle the ripple current generated by the inductor. The
worst-case ripple current in the output capacitor is given



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com