Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2935 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2935
Description  36V Nano-Current Two Input Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2935 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2935 Datasheet HTML 8Page - Linear Technology LTC2935 Datasheet HTML 9Page - Linear Technology LTC2935 Datasheet HTML 10Page - Linear Technology LTC2935 Datasheet HTML 11Page - Linear Technology LTC2935 Datasheet HTML 12Page - Linear Technology LTC2935 Datasheet HTML 13Page - Linear Technology LTC2935 Datasheet HTML 14Page - Linear Technology LTC2935 Datasheet HTML 15Page - Linear Technology LTC2935 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC2960
13
2960f
TYPICAL APPLICATIONS
Figure 10. Battery Disconnect to Protect Against Deep Discharge
Figure 9. Configurable Regulator UVLO and Supervisor
Figure 11. Automotive Supervisor
LTC2960-1
LT3991
VIN
VCC
GND
VOUT
EN
IN+
RT
GND
MR
ADJ
RST
OUT
R2
6.04M
Li-Ion
4.2V
Li-Ion
4.2V
VBAT
6V TO 8.4V
VOUT
3.3V
C1
0.1μF
25V
R1
402k
RESD*
10k
RESET
R6
1M
R4
2.26M
R3
402k
R5
10M
2960 F09
UVLO FALLING THRESHOLD = 6.410V
RESET FALLING THRESHOLD = 2.649V
*OPTIONAL RESISTOR FOR ADDED ESD PROTECTION
+
+
C2
47μF
16V
NOT ALL LT3991 COMPONENTS SHOWN
BUCK CONVERTER
LTC2960-2
VCC
IN–
RT
GND
MR
ADJ
RST
OUT
R2
5.6M*
Li-Ion
4.2V
Li-Ion
4.2V
VBAT
6V TO 8.4V
M1
Si4435
M2
Si4435
VOUT
C1
0.1μF
25V
R1
402k*
LOW BATTERY
R5
10M
R4
6.04M*
R3
402k*
R6
100k
R7
1M
1N5245
15V
2960 F10
IN– FALLING THRESHOLD = 5.974V
ADJ FALLING THRESHOLD = 6.410V
+
+
R8
10k
*VISHAY-DALE CRCW SERIES 0603 1 %
LTC2960-3
VCC
IN+
GND
MR
OUT
ADJ
RST
DVCC
R2
825k
R7
1M
VIN
4V TO 27V
12V
VEHICLE BATTERY
IRLR2908
VOUT
3.3V
C1
1μF
50V
R1
80.6k
UV
OV
R6
6.04M
R5
1M
R8
102k
R7
4.99k
R4
1.78M
R3
1M
2960 F11
C2
22μF
25V
IN+ FALLING THRESHOLD = 4.49V
ADJ FALLING THRESHOLD = 2.816V
LT3991
BUCK CONVERTER
VIN
GND
VOUT
FB
EN/SS
LT4356
VCC
GND
GATE OUT
FLT
FB
NOT ALL LT3991 COMPONENTS SHOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com