Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3757 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3757
Description  PolyPhase Synchronous Boost Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 2 Page - Linear Technology

  LT3757 Datasheet HTML 1Page - Linear Technology LT3757 Datasheet HTML 2Page - Linear Technology LT3757 Datasheet HTML 3Page - Linear Technology LT3757 Datasheet HTML 4Page - Linear Technology LT3757 Datasheet HTML 5Page - Linear Technology LT3757 Datasheet HTML 6Page - Linear Technology LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC3787
2
3787fc
ABSOLUTE MAXIMUM RATINGS
VBIAS ........................................................ –0.3V to 40V
BOOST1 and BOOST2 ................................ –0.3V to 76V
SW1 and SW2............................................ –0.3V to 70V
RUN ............................................................. –0.3V to 8V
Maximum Current Sourced into Pin
From Source >8V..............................................100μA
PGOOD, PLLIN/MODE ................................. –0.3V to 6V
INTVCC, (BOOST1 - SW1), (BOOST2 - SW2)...–0.3V to 6V
(Notes 1, 3)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
GN PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ILIM
SENSE1+
SENSE1–
FREQ
PHASMD
CLKOUT
PLLIN/MODE
SGND
RUN
SS
SENSE2–
SENSE2+
VFB
ITH
PGOOD
SW1
TG1
BOOST1
BG1
VBIAS
PGND
EXTVCC
INTVCC
BG2
BOOST2
TG2
SW2
NC
TJMAX = 125°C, θJA = 90°C/W
9
10
TOP VIEW
29
GND
UFD PACKAGE
28-LEAD (4mm
5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
FREQ
PHASMD
CLKOUT
PLLIN/MODE
SGND
RUN
SS
SENSE2–
BOOST1
BG1
VBIAS
PGND
EXTVCC
INTVCC
BG2
BOOST2
7
17
18
19
20
21
22
16
8
15
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE CONNECTED TO GND
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3787EUFD#PBF
LTC3787EUFD#TRPBF
3787
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LTC3787IUFD#PBF
LTC3787IUFD#TRPBF
3787
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LTC3787HUFD#PBF
LTC3787HUFD#TRPBF
3787
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 150°C
LTC3787MPUFD#PBF
LTC3787MPUFD#TRPBF
3787
28-Lead (4mm
× 5mm) Plastic QFN
–55°C to 150°C
LTC3787EGN#PBF
LTC3787EGN#TRPBF
LTC3787GN
28-Lead Plastic SSOP
–40°C to 125°C
LTC3787IGN#PBF
LTC3787IGN#TRPBF
LTC3787GN
28-Lead Plastic SSOP
–40°C to 125°C
LTC3787HGN#PBF
LTC3787HGN#TRPBF
LTC3787GN
28-Lead Plastic SSOP
–40°C to 150°C
LTC3787MPGN#PBF
LTC3787MPGN#TRPBF
LTC3787GN
28-Lead Plastic SSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
EXTVCC ........................................................ –0.3V to 6V
SENSE1+, SENSE1–, SENSE2+, SENSE2– ... –0.3V to 40V
(SENSE1+ - SENSE1–), (SENSE2+- SENSE2–)...–0.3V to 0.3V
ILIM, SS, ITH, FREQ, PHASMD, VFB..... –0.3V to INTVCC
Operating Junction Temperature
Range (Note 2)........................................–55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com