Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3880 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3880
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3880 Datasheet HTML 2Page - Linear Technology LTC3880 Datasheet HTML 3Page - Linear Technology LTC3880 Datasheet HTML 4Page - Linear Technology LTC3880 Datasheet HTML 5Page - Linear Technology LTC3880 Datasheet HTML 6Page - Linear Technology LTC3880 Datasheet HTML 7Page - Linear Technology LTC3880 Datasheet HTML 8Page - Linear Technology LTC3880 Datasheet HTML 9Page - Linear Technology LTC3880 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
LTC3839
6
3839fa
TYPICAL PERFORMANCE CHARACTERISTICS
Phase Relationship:
PHASMD = Ground
Phase Relationship:
PHASMD = Float
Phase Relationship:
PHASMD = INTVCC
Overcurrent Protection
Regular Soft Start-Up
Short-Circuit Protection
Soft Start-Up Into
Pre-Biased Output
Overvoltage Protection
Output Tracking
VOUT
100mV/DIV
AC-COUPLED
5ms/DIV
3839 G12
VIN = 12V
VOUT = 1.2V
FORCED CONTINUOUS MODE
IL
5A/DIV
FULL CURRENT LIMIT
WHEN VOUT HIGHER
THAN HALF OF REGULATED
VOUT
1V/DIV
SHORT-
CIRCUIT
TRIGGER
500μs/DIV
3839 G13
VIN = 12V
VOUT = 1.2V
ILOAD = 0A
IL
10A/DIV
COUT
RECHARGE
CURRENT LIMIT STARTS TO FOLD BACK AS
VOUT DROPS BELOW HALF OF REGULATED
VOUT
100mV/DIV
AC-COUPLED
20μs/DIV
3839 G14
VIN = 12V
VOUT = 1.2V
FORCED CONTINUOUS
MODE
ILOAD = 0A
BG STAYS ON UNTIL
VOUT IS PULLED
BELOW OVERVOLTAGE
THRESHOLD
IL
10A/DIV
BG1
5V/DIV
OVERVOLTAGE CREATED BY APPLYING
A CHARGED CAPACITOR TO VOUT
500ns/DIV
60°
0°
3839 G15
FIGURE 13 CIRCUIT
VIN = 12V
LOAD = 0A
MODE/PLLIN = 333kHz EXTERNAL CLOCK
CLKOUT
5V/DIV
SW2
10V/DIV
SW1
10V/DIV
PLLIN
5V/DIV
180°
500ns/DIV
0°
3839 G16
CLKOUT
5V/DIV
SW2
10V/DIV
SW1
10V/DIV
PLLIN
5V/DIV
90°
180°
FIGURE 13 CIRCUIT
VIN = 12V
LOAD = 0A
MODE/PLLIN = 333kHz EXTERNAL CLOCK
500ns/DIV
0°
3839 G17
CLKOUT
5V/DIV
SW2
10V/DIV
SW1
10V/DIV
PLLIN
5V/DIV
120°
240°
FIGURE 13 CIRCUIT
VIN = 12V
LOAD = 0A
MODE/PLLIN = 333kHz EXTERNAL CLOCK
RUN
5V/DIV
VOUT
500mV/DIV
1ms/DIV
3839 G09
CSS = 10nF
VIN = 12V
VOUT = 1.2V
FORCED CONTINUOUS MODE
TRACK/SS
200mV/DIV
RUN
5V/DIV
VOUT
500mV/DIV
1ms/DIV
3839 G10
CSS = 10nF
VIN = 12V
VOUT = 1.2V
VOUT PRE-BIASED TO 0.75V
TRACK/SS
200mV/DIV
VOUT
500mV/DIV
10ms/DIV
3839 G11
VIN = 12V
VOUT = 1.2V
FORCED CONTINUOUS MODE
TRACK/SS
200mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com