Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3533 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3533
Description  High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3533 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3533 Datasheet HTML 9Page - Linear Technology LTC3533 Datasheet HTML 10Page - Linear Technology LTC3533 Datasheet HTML 11Page - Linear Technology LTC3533 Datasheet HTML 12Page - Linear Technology LTC3533 Datasheet HTML 13Page - Linear Technology LTC3533 Datasheet HTML 14Page - Linear Technology LTC3533 Datasheet HTML 15Page - Linear Technology LTC3533 Datasheet HTML 16Page - Linear Technology LTC3533 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC3780
13
3780fe
OPERATION
on, switches B and D are then turned on. Finally, switches
A and D are turned on for the remainder of the time.
Boost Region (VIN < VOUT)
Switch A is always on and synchronous switch B is always
off in boost mode. Every cycle, switch C is turned on first.
Inductor current is sensed when synchronous switch C is
turned on. After the sensed inductor current exceeds the
reference voltage which is proportional to VITH, switch C
is turned off and synchronous switch D is turned on for
SWITCH A
CLOCK
SWITCH B
SWITCH C
SWITCH D
IL
0V
HIGH
3780 F03
Figure 3. Buck Mode (VIN > VOUT)
SWITCH A
CLOCK
SWITCH B
SWITCH C
SWITCH D
IL
3780 F04a
(4a) Buck-Boost Mode (VIN ≥ VOUT)
SWITCH A
CLOCK
SWITCH B
SWITCH C
SWITCH D
IL
3780 F04b
(4b) Buck-Boost Mode (VIN ≤ VOUT)
Figure 4. Buck-Boost Mode
the remainder of the cycle. switches C and D will alternate,
behaving like a typical synchronous boost regulator.
The duty cycle of switch C decreases until the minimum duty
cycle of the converter in boost mode reaches DMIN_BOOST,
given by:
DMIN_BOOST = DBUCK-BOOST
where DBUCK-BOOST is the duty cycle of the buck-boost
switch range:
DBUCK-BOOST = (200ns • f) • 100%
and f is the operating frequency in Hz.
Figure 5 shows typical boost mode waveforms. If VIN ap-
proaches VOUT, the buck-boost region is reached.
SWITCH A
CLOCK
SWITCH B
SWITCH C
SWITCH D
IL
0V
HIGH
3780 F05
Figure 5. Boost Mode (VIN < VOUT)
LOW CURRENT OPERATION
The FCB pin is used to select among three modes for both
buck and boost operations by accepting a logic input.
Figure 6 shows the different modes.
FCB PIN
BUCK MODE
BOOST MODE
0V to 0.75V
Force Continuous Mode
Force Continuous Mode
0.85V to 5V
Skip-Cycle Mode
Burst Mode Operation
>5.3V
DCM with Constant Freq
DCM with Constant Freq
Figure 6. Different Operating Modes
When the FCB pin voltage is lower than 0.8V, the controller
behaves as a continuous, PWM current mode synchronous
switching regulator. In boost mode, switch A is always on.
switch C and synchronous switch D are alternately turned
on to maintain the output voltage independent of direction
of inductor current. Every ten cycles, switch A is forced off
for about 300ns to allow boost capacitor CA (Figure 13) to
recharge. In buck mode, synchronous switch D is always



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com