Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1640AH Datasheet(PDF) 11 Page - Linear Technology

Part # LT1640AH
Description  Hot Swap Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AH Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1640AH Datasheet HTML 7Page - Linear Technology LT1640AH Datasheet HTML 8Page - Linear Technology LT1640AH Datasheet HTML 9Page - Linear Technology LT1640AH Datasheet HTML 10Page - Linear Technology LT1640AH Datasheet HTML 11Page - Linear Technology LT1640AH Datasheet HTML 12Page - Linear Technology LT1640AH Datasheet HTML 13Page - Linear Technology LT1640AH Datasheet HTML 14Page - Linear Technology LT1640AH Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
LTC4211
11
4211fb
PIN FUNCTIONS (8-Lead Package/10-Lead Package)
clamps at the GATE pin determine the gate drive voltage
(ΔVGATE = VGATE – VCC). The charge pump produces a
minimum 4.5V of ΔVGATE for supplies in the range of 2.7V
≤ VCC < 4.75V. For 4.75V ≤ VCC ≤ 12V the ΔVGATE is limited
by zener clamp Z1 connected between the GATE and VCC
pins. The ΔVGATE is typically at 12V and with guaranteed
minimum value of 10V. For VCC > 12V, the Zener clamp
Z2 begins to set the limitation for ΔVGATE. Z2 clamps the
gate voltage to ground to 26V typically. The minimum Z2’s
clamp voltage is 23V. This effectively sets ΔVGATE to 8V
minimum at VCC = 15V.
SENSE (Pin 7/Pin 8): Circuit Breaker Set Pin. With a sense
resistor placed in the power path between VCC and SENSE,
the LTC4211’s electronic circuit breaker trips if the voltage
across the sense resistor exceeds the thresholds set inter-
nally for the SLOW COMP and the FAST COMP, as shown
in the Block Diagram. The threshold for the SLOW COMP is
VCB(SLOW) = 50mV, and the electronic circuit breaker trips
if the voltage across the sense resistor exceeds 50mV for
20μs. The SLOW COMP delay is fixed in the S8/MS8 ver-
sion and adjustable in the MS version of the LTC4211. To
adjust the SLOW COMP’s delay, please refer to the section
on Adjusting SLOW COMP’s Response Time.
Under transient conditions where large step current
changes can and do occur over shorter periods of time,
a second (fast) comparator instead trips the electronic
circuit breaker. The threshold for the FAST COMP is set at
VCB(FAST) = 150mV, and the circuit breaker trips if the
voltage across the sense resistor exceeds 150mV for
more than 300ns. The FAST COMP’s delay is fixed in the
LTC4211 and cannot be adjusted. To disable the electronic
circuit breaker, connect the VCC and SENSE pins together.
VCC (Pin 8/Pin 9): This is the positive supply input to
the LTC4211. The LTC4211 operates from 2.5V < VCC <
16.5V, and the supply current is typically 1mA. An internal
undervoltage lockout circuit disables the device until the
voltage at VCC exceeds 2.3V.
FAULT (Not available on S8/MS8, Pin 10 MS): FAULT is
both an input and an output. Connected to this pin are an
analog comparator (COMP6) and an open-drain N-channel
FET. During normal operation, if COMP6 is driven below
1.236V, the electronic circuit breaker trips and the GATE
pin pulls low. Typically, a 10k pull-up resistor connects
to the FAULT pin. This pull-up is required to allow the
LTC4211 to begin a second timing cycle (VFAULT > 1.286)
and start-up properly. This also allows the use of the
FAULT pin as a status output. Under normal operating
conditions, the FAULT output is a logic high. Two condi-
tions cause an active low on FAULT: (1) the LTC4211’s
electronic circuit breaker trips because of an output short
circuit causing a fast output overcurrent transient (FAST
COMP trips circuit breaker); or (2) VFILTER > 1.236V. The
FAULT output is driven to logic low and is latched logic
low until the ON pin is driven to logic low for 150μs (the
tRESET duration).
FILTER (Not available S8/MS8, Pin 3 MS): Overcurrent
Fault Timing Pin and Overvoltage Fault Set pin. With a
capacitor connected from this pin to ground, the SLOW
COMP’s response time can be adjusted. In the S8/MS8
version of the LTC4211, the FILTER pin is not available
and the delay time from overcurrent detect to GATE OFF
is fixed at 20μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com