Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1640AL Datasheet(PDF) 11 Page - Linear Technology

Part # LT1640AL
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1640AL Datasheet HTML 7Page - Linear Technology LT1640AL Datasheet HTML 8Page - Linear Technology LT1640AL Datasheet HTML 9Page - Linear Technology LT1640AL Datasheet HTML 10Page - Linear Technology LT1640AL Datasheet HTML 11Page - Linear Technology LT1640AL Datasheet HTML 12Page - Linear Technology LT1640AL Datasheet HTML 13Page - Linear Technology LT1640AL Datasheet HTML 14Page - Linear Technology LT1640AL Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
11
425212fd
BLOCK DIAGRAM
–
+
425212 BD
– (+)
+(–)
–
+
–
+
VIN
VIN
VEE
VEE
RSS
VEE
VEE
VEE
0.5V
VEE
VEE
VEE
5.8μA
5.8μA
VIN
VEE
VIN
6.15V
(5V)
58μA
230μA
VIN
22μA
(28μA)
95k
(47.5k)
TIMER
6.15V
(5.09V)
2.925V
(3.08V)
4V
1V
+
–
2.385V
VEE
VEE
VOS = 10mV
VIN
2.8V
–
+
UV *
GATE
SENSE
VIN
VEE
58μA
PWRGD **
DRAIN
OV *
SS
VIN
CB
50mV
+
–
FCL
200mV
+
–
ACL
5k
(2.5k)
+
–
1
×
1
×
8
×
1
×
LOGIC
*OV AND UV ARE TIED TOGETHER ON THE MS8 PACKAGE. OV AND UV ARE SEPARATE PINS ON THE MS PACKAGE
** ONLY AVAILABLE IN THE MS PACKAGE
FOR COMPONENTS, CURRENT AND VOLTAGE WITH TWO VALUES, VALUES IN PARENTHESES REFER
TO THE LTC4252A. VALUES WITHOUT PARENTHESES REFER TO THE LTC4252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com