Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4090 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4090
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4090 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4090 Datasheet HTML 17Page - Linear Technology LTC4090 Datasheet HTML 18Page - Linear Technology LTC4090 Datasheet HTML 19Page - Linear Technology LTC4090 Datasheet HTML 20Page - Linear Technology LTC4090 Datasheet HTML 21Page - Linear Technology LTC4090 Datasheet HTML 22Page - Linear Technology LTC4090 Datasheet HTML 23Page - Linear Technology LTC4090 Datasheet HTML 24Page - Linear Technology LTC4090 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
LTC4155
21
4155fc
ID Pin Detection
For USB On-The-Go compatibility, the step-up switching
regulator can optionally start autonomously when the
grounded ID pin in the A side of an On-The-Go cable is
detected.
The ID pin is monitored at all times. Its status is reported
in the I2C bit ID_DETECT, reporting true when the ID pin
is grounded. Optionally, any change in ID_PIN_DETECT
may trigger an interrupt request to notify the system
processor. Unless the I2C LOCKOUT_ID_PIN bit has
been set, ID pin detection will also automatically start the
step-up regulator. Note that LOCKOUT_ID_PIN locks out
automatic start-up, but not monitoring of the ID pin. Also,
the REQUEST_OTG command may be used to enable the
step-up regulator, independent of the state of ID_PIN_
DETECT and LOCKOUT_ID_PIN. Note that the regulator
will not start if input power is already present on either
input. The I2C status bits OTG_ENABLED and OTG_FAULT
can be used to determine if the regulator is running.
The ID pin detection circuit will report a short on the ID
pin for ID pin impedances lower than approximately 24k.
The USB Battery Charging Specification Rev 1.1 added
additional signaling to the ID pin, specifying other possible
ID pin resistances of RID_A, RID_B and RID_C. These
impedances are all larger than the 24k threshold and will
typically not cause an ID pin short detection.
Dual-Input Overvoltage Protection and
Undervoltage Lockout
The LTC4155 can provide overvoltage protection to its
two power inputs with minimal external components, as
shown in Figure 2.
The LTC4155 acts as a shunt regulator when the input is
overvoltage, clamping USBSNS or WALLSNS to 6V. Resis-
tors R1 and R2 should be 3.6k and be rated appropriately
for the worst-case power dissipation during an overvoltage
event. The power dissipated in the resistor is given by the
following expression:
PRESISTOR =
(VOVERVOLTAGE − 6V)
3.6k
2
For example, a typical 0201 size resistor would be ap-
propriate for possible overvoltage events up to 19V. An
0402 size resistor would be appropriate up to 20V, an
0603 up to 24V, an 0805 up to 27V, and a 1206 up to 35V.
Additional power derating may be necessary at elevated
ambient temperature. The maximum allowed shunt cur-
rent into the USBSNS and WALLSNS pins constrains the
upper limit of protection to 77V.
The drain-source voltage rating, VDS, of N-channel FETs
MN1-MN2 must be appropriate for the level of overvolt-
age protection desired, as the full magnitude of the input
voltage is applied across one of these devices.
The drain-source voltage rating of N-channel FETs MN3-
MN4 need only be as high as the protection threshold,
typically 6.2V. MN3-MN4 are not required for overvoltage
protection, but are required to block current from circulating
from one input to the other through the unused channel’s
FET body diode. For single-input applications, only a single
power FET is required. Refer to Alternate Input Power
Configurations in the Applications Information section
for implementation details.
Negative voltage protection can be added by reconfiguring
the circuit without adding any additional power transistors.
Refer to Alternate Input Power Configurations in the Ap-
plications Information section for implementation details.
For an input (USB or WALL) to be considered a valid
power source, it must satisfy three conditions. First, it
must be above a minimum voltage, VUVLO. Second, it
must be greater than the battery voltage by a minimum of
VDUVLO. Lastly, it must be below the overvoltage protection
threshold voltage, VOVLO.TheUSBSNSandWALLSNSpins
each draw a small current which causes a voltage offset
between the USB and WALL inputs and the USBSNS and
Figure 2. Dual-Input Overvoltage Protection Multiplexer
VBUS
TO USB
INPUT
TO WALL
INPUT
OVGCAP
USBGT
USBSNS
WALLGT
LTC4155
WALLSNS
4155 F02
MN1
R1
R2
MN3
MN2
MN4
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com