Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4263
Description  12-Port PoE/PoE/LTPoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 14Page - Linear Technology LTC4263 Datasheet HTML 15Page - Linear Technology LTC4263 Datasheet HTML 16Page - Linear Technology LTC4263 Datasheet HTML 17Page - Linear Technology LTC4263 Datasheet HTML 18Page - Linear Technology LTC4263 Datasheet HTML 19Page - Linear Technology LTC4263 Datasheet HTML 20Page - Linear Technology LTC4263 Datasheet HTML 21Page - Linear Technology LTC4263 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC4270/LTC4271
18
42701fb
Reset and the AUTO/MID Pins
The initial LTC4270/LTC4271 configuration depends on
the state of the AUTO and MID pins during reset. Reset
occurs at power-up, or whenever the RESET pin is pulled
low or the global Reset All bit is set. Changing the state of
AUTO or MID after power-up will not properly change the
portbehavioroftheLTC4270/LTC4271untilaresetoccurs.
Althoughtypicallyusedwithahostcontroller,theLTC4270/
LTC4271 can also be used in a standalone mode with no
connection to the serial interface. If there is no host pres-
ent, the AUTO pin must be tied high so that, at reset, all
portswillbeconfiguredtooperateautomatically.Eachport
will detect and classify repeatedly until a PD is discovered,
set ICUT and ILIM according to the classification results,
apply power to valid PDs, and remove power when a PD
is disconnected.
Table 3 shows the ICUT and ILIM values that will be auto-
matically set in standalone (AUTO pin) mode, based on
the discovered class.
Table 3. ICUT and ILIM Values in Standalone Mode
CLASS
ICUT
ILIM
Class 1
112mA
425mA
Class 2
206mA
425mA
Class 3 or 0
375mA
425mA
Class 4
638mA
850mA
The automatic setting of ICUT and ILIM values only occurs
if the LTC4270/LTC4271 is reset with the AUTO pin high.
Ifthestandaloneapplicationisamidspan,theMIDpinmust
be tied high to enable correct midspan detection timing.
DETECTION
Detection Overview
Toavoiddamagingnetworkdevicesthatwerenotdesigned
to tolerate DC voltage, a PSE must determine whether the
connected device is a real PD before applying power. The
IEEEspecificationrequiresthatavalidPDhaveacommon-
mode resistance of 25k ±5% at any port voltage below
ApplicAtions inForMAtion
RESISTANCE
PD
PSE
0
10k
15k
42701 F11
19k
26.5k
26.25k
23.75k
150 (NIC)
20k
30k
33k
Figure 11. IEEE 802.3af Signature Resistance Ranges
10V. The PSE must accept resistances that fall between
19k and 26.5k, and it must reject resistances above 33k
or below 15k (shaded regions in Figure 11). The PSE may
choose to accept or reject resistances in the undefined
areas between the must-accept and must-reject ranges. In
particular,thePSEmustrejectstandardcomputernetwork
ports, many of which have 150Ω common-mode termina-
tion resistors that will be damaged if power is applied to
them (the black region at the left of Figure 11).
4-Point Detection
TheLTC4270/LTC4271usesa4-pointdetectionmethodto
discover PDs. False-positive detections are minimized by
checkingforsignatureresistancewithbothforced-current
and forced-voltage measurements.
Initially, two test currents are forced onto the port (via the
OUTn pin) and the resulting voltages are measured. The
detectioncircuitrysubtractsthetwoV-Ipointstodetermine
the resistive slope while removing offset caused by series
diodes or leakage at the port (see Figure 12). If the forced-
current detection yields a valid signature resistance, two
test voltages are then forced onto the port and the result-
ing currents are measured and subtracted. Both methods
must report valid resistances for the port to report a valid
detection. PD signature resistances between 17k and 29k
(typically) are detected as valid and reported as Detect
Good in the corresponding Port Status register. Values
outside this range, including open and short circuits, are
also reported. If the port measures less than 1V at the
first forced-current test, the detection cycle will abort and
Short Circuit will be reported. Table 4 shows the possible
detection results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com