Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1640AL Datasheet(PDF) 11 Page - Linear Technology

Part # LT1640AL
Description  ??8V Hot Swap Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1640AL Datasheet HTML 7Page - Linear Technology LT1640AL Datasheet HTML 8Page - Linear Technology LT1640AL Datasheet HTML 9Page - Linear Technology LT1640AL Datasheet HTML 10Page - Linear Technology LT1640AL Datasheet HTML 11Page - Linear Technology LT1640AL Datasheet HTML 12Page - Linear Technology LT1640AL Datasheet HTML 13Page - Linear Technology LT1640AL Datasheet HTML 14Page - Linear Technology LT1640AL Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LTC4253/LTC4253A
11
425353afe
BLOCK DIAGRAM
VEE
1
×
6.15V
(5V)
1
×
8
×
1
×
VIN
VEE
PWRGD3
50μA
6.15V
(5.09V)
VEE
120μA
VEE
120μA
VIN
VIN
VEE
VIN
VEE
200μA
16
OV 11
EN3 15
VIN
VEE
VEE
22μA
(28μA)
FOR COMPONENTS, CURRENTS AND VOLTAGES WITH TWO
VALUES, VALUES WITHOUT PARENTHESES REFER TO THE
LTC4253, VALUES WITH PARENTHESES REFER TO THE LTC4253A
95k
(47.5k)
RSS
5k
(2.5k)
SS 6
VIN
VIN
VEE
VEE
50μA
VIN
VIN
VEE
PWRGD2
50μA
2
EN2 1
VEE
PWRGD1
50μA
3
4
VEE
8
RESET
5
SQTIMER
DELAY
LOGIC
SQTIMER
DELAY
+
–
4V
+
–
1V
TIMER 13
+
–
4V
+
–
0.33V
+
–
UV 12
2.925V
(2.756V)
+
–
+
–
0.5V
+
–
2.39V
+
–
–
+
VIN
VEE
5μA
VIN
VEE
5μA
5μA
+
–
2.8V
+
–
200mV
+
–
10mV
VEE
–
+
+
–
50mV
4253 BD
CB
FCL
–
+
ACL
VEE
SENSE
7
GATE
9
DRAIN
10
SQTIMER
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com