Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4160 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4160
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160 Datasheet(HTML) 3 Page - Linear Technology

  LTC4160 Datasheet HTML 1Page - Linear Technology LTC4160 Datasheet HTML 2Page - Linear Technology LTC4160 Datasheet HTML 3Page - Linear Technology LTC4160 Datasheet HTML 4Page - Linear Technology LTC4160 Datasheet HTML 5Page - Linear Technology LTC4160 Datasheet HTML 6Page - Linear Technology LTC4160 Datasheet HTML 7Page - Linear Technology LTC4160 Datasheet HTML 8Page - Linear Technology LTC4160 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
LTC4155
3
4155fc
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VBUS (Transient) t < 1ms, Duty Cycle < 1% ... –0.3V to 7V
VBUS (Steady State), BATSNS, IRQ, NTC...... –0.3V to 6V
DVCC, SDA, SCL (Note 3) ........................–0.3V to VMAX
IWALLSNS, IUSBSNS............................................... ±20mA
INTCBIAS, IIRQ..........................................................10mA
ISW, IVOUT, ICHGSNS (Both Pins in Each Case)..............4A
Operating Junction Temperature Range ... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
9
10
TOP VIEW
29
GND
UFD PACKAGE
28-LEAD (4mm
5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
SDA
DVCC
IRQ
ID
CLPROG1
CLPROG2
WALLSNS
USBSNS
VOUT
VOUT
CHGSNS
CHGSNS
PROG
BATGATE
BATSNS
NTC
7
17
18
19
20
21
22
16
8
15
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4155EUFD#PBF
LTC4155EUFD#TRPBF
4155
28-Lead (4mm × 5mm × 0.75mm) Plastic QFN
–40°C to 125°C
LTC4155IUFD#PBF
LTC4155IUFD#TRPBF
4155
28-Lead (4mm × 5mm × 0.75mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping
container.Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com