Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4258 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4258
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 4 Page - Linear Technology

  LTC4258 Datasheet HTML 1Page - Linear Technology LTC4258 Datasheet HTML 2Page - Linear Technology LTC4258 Datasheet HTML 3Page - Linear Technology LTC4258 Datasheet HTML 4Page - Linear Technology LTC4258 Datasheet HTML 5Page - Linear Technology LTC4258 Datasheet HTML 6Page - Linear Technology LTC4258 Datasheet HTML 7Page - Linear Technology LTC4258 Datasheet HTML 8Page - Linear Technology LTC4258 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
LTC4278
4
4278fc
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PWM Controller (Note 10)
Power Supply
VCC Operating Range
l
4.5
20
V
VCC Supply Current (ICC)
VCMP = Open (Note 11)
l
4
6.4
10
mA
VCC Shutdown Current
VCMP = Open, VUVLO = 0V
l
50
150
µA
Feedback Amplifier
Feedback Regulation Voltage (VFB)
l
1.220
1.237
1.251
V
Feedback Pin Input Bias Current
RCMP Open
200
nA
Feedback Amplifier Transconductance
∆IC = ±10µA
l
700
1000
1400
µmho
Feedback Amplifier Source or Sink Current
l
25
55
90
µA
Feedback Amplifier Clamp Voltage
VFB = 0.9V
VFB = 1.4V
2.56
0.84
V
V
Reference Voltage Line Regulation
12V ≤ VCC ≤ 18V
l
0.005
0.05
%/ V
Feedback Amplifier Voltage Gain
VCMP = 1.2V to 1.7V
1400
V/ V
Soft-Start Charging Current
VSFST = 1.5V
16
20
25
µA
Soft-Start Discharge Current
VSFST = 1.5V, VUVLO = 0V
0.7
1.3
mA
Control Pin Threshold (VCMP)
Duty Cycle = Min
1
V
Gate Outputs
PG, SG Output High Level
l
6.6
7.4
8
V
PG, SG Output Low Level
l
0.01
0.05
V
PG, SG Output Shutdown Strength
VUVLO = 0V; IPG, ISG = 20mA
l
1.6
2.3
V
PG Rise Time
CPG = 1nF
11
ns
SG Rise Time
CSG = 1nF
15
ns
PG, SG Fall Time
CPG, CSG = 1nF
10
ns
Current Amplifier
Switch Current Limit at Maximum VCMP
VSENSE+
l
88
98
110
mV
∆VSENSE /∆VCMP
0.07
V/ V
Sense Voltage Overcurrent Fault Voltage
VSENSE+, VSFST < 1V
l
206
230
mV
Timing
Switching Frequency (fOSC)
COSC = 100pF
l
84
100
110
kHz
Oscillator Capacitor Value (COSC)
(Note 12)
33
200
pF
Minimum Switch On Time (tON(MIN))
200
ns
Flyback Enable Delay Time (tENDLY)
265
ns
PG Turn-On Delay Time (tPGDLY)
200
ns
Maximum Switch Duty Cycle
l
85
88
%
SYNC Pin Threshold
l
1.53
2.1
V
SYNC Pin Input Resistance
40
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com