Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4251-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4251-2
Description  ??8V Hot Swap Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4251-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC4251-2 Datasheet HTML 1Page - Linear Technology LTC4251-2 Datasheet HTML 2Page - Linear Technology LTC4251-2 Datasheet HTML 3Page - Linear Technology LTC4251-2 Datasheet HTML 4Page - Linear Technology LTC4251-2 Datasheet HTML 5Page - Linear Technology LTC4251-2 Datasheet HTML 6Page - Linear Technology LTC4251-2 Datasheet HTML 7Page - Linear Technology LTC4251-2 Datasheet HTML 8Page - Linear Technology LTC4251-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LTC4253/LTC4253A
2
425353afe
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Current into VIN (100μs Pulse) .............................100mA
Current into DRAIN (100μs Pulse) .........................20mA
VIN, DRAIN Minimum Voltage ................................–0.3V
Input/Output (Except SENSE
and DRAIN) Voltage ................................... –0.3V to 16V
SENSE Voltage........................................... –0.6V to 16V
Current Out of SENSE (20μs Pulse) .................. –200mA
Maximum Junction Temperature .......................... 125°C
Operating Temperature Range
LTC4253C ................................................ 0°C to 70°C
LTC4253I ............................................. –40°C to 85°C
LTC4253AC (OBSOLETE)......................... 0°C to 70°C
LTC4253AI (OBSOLETE)...................... –40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Note 1), All voltages referred to VEE
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
16
15
14
13
12
11
10
9
EN2
PWRGD2
PWRGD1
VIN
RESET
SS
SENSE
VEE
PWRGD3
EN3
SQTIMER
TIMER
UV
OV
DRAIN
GATE
TJMAX = 125°C, θJA = 130°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4253CGN#PBF
LTC4253CGN#TRPBF
4253
16-Lead Plastic SSOP
0°C to 70°C
LTC4253IGN#PBF
LTC4253IGN#TRPBF
4253I
16-Lead Plastic SSOP
–40°C to 85°C
OBSOLETE PACKAGE
LTC4253ACGN#PBF
LTC4253ACGN#TRPBF
4253A
16-Lead Plastic SSOP
0°C to 70°C
LTC4253AIGN#PBF
LTC4253AIGN#TRPBF
4253AI
16-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com