Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4265 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4265
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4265 Datasheet HTML 10Page - Linear Technology LTC4265 Datasheet HTML 11Page - Linear Technology LTC4265 Datasheet HTML 12Page - Linear Technology LTC4265 Datasheet HTML 13Page - Linear Technology LTC4265 Datasheet HTML 14Page - Linear Technology LTC4265 Datasheet HTML 15Page - Linear Technology LTC4265 Datasheet HTML 16Page - Linear Technology LTC4265 Datasheet HTML 17Page - Linear Technology LTC4265 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
LTC4278
14
4278fc
APPLICATIONS INFORMATION
Table 1. LTC4278 Modes of Operation as a Function
of Input Voltage
VPORTP–VPORTN (V) LTC4278 MODES OF OPERATION
0V to 1.4V
Inactive (Reset After 1st Classification Event)
1.5V to 9.8V
(5.4V to 9.8V)
25k Signature Resistor Detection Before 1st
Classification Event (Mark, 11k Signature
Corrupt After 1st Classification Event)
12.5V to ON/OFF*
Classification Load Current Active
ON/OFF* to 60V
Inrush and Power Applied To PD Load
>71V
Overvoltage Lockout,
Classification and Hot Swap Are Disabled
*ON/OFF includes hysteresis. Rising input threshold, 37.2V Max.
Falling input threshold, 30V Min.
These modes satisfy the requirements defined in the
IEEE 802.3af/IEEE 802.3at specification.
INPUT DIODE BRIDGE
In the IEEE 802.3af/IEEE 802.3at standard, the modes of
operation reference the input voltage at the PD’s RJ45
connector. Since the PD must handle power received in
either polarity from either the data or the spare pair, input
diode bridges BR1 and BR2 are connected between the
RJ45 connector and the LTC4278 (Figure 2).
The input diode bridge introduces a voltage drop that
affects the range for each mode of operation. The
LTC4278 compensates for these voltage drops so that a
PD built with the LTC4278 meets the IEEE 802.3af/IEEE
802.3at-established voltage ranges. Note the Electrical
CharacteristicsarereferencedwithrespecttotheLTC4278
package pins.
DETECTION
During detection, the PSE looks for a 25k signature resis-
tor which identifies the device as a PD. The PSE will apply
two voltages in the range of 2.8V to 10V and measures
the corresponding currents. Figure 1 shows the detection
voltages V1 and V2 and the corresponding PD current.
The PSE calculates the signature resistance using the
ΔV/
ΔI measurement technique.
TheLTC4278presentsitsprecision,temperature-compen-
sated 25k resistor between the VPORTP and VPORTN pins,
alerting the PSE that a PD is present and requests power
to be applied. The LTC4278 signature resistor also com-
pensates for the additional series resistance introduced by
the input diode bridge. Thus a PD built with the LTC4278
conforms to the IEEE 802.3af/IEEE 802.3at specifications.
RX–
6
RX+
3
TX–
2
TX+
RJ45
T1
POWERED
DEVICE
(PD)
INPUT
4278 F02
1
7
8
5
4
SPARE–
SPARE+
TO PHY
BR2
0.1µF
100V
BR1
D3
LTC4278
VPORTN
VPORTP
Figure 2. PD Front End Using Diode Bridges on Main and Spare Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com