Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8048 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8048
Description  3.1VIN to 32VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8048 Datasheet(HTML) 3 Page - Linear Technology

  LTM8048 Datasheet HTML 1Page - Linear Technology LTM8048 Datasheet HTML 2Page - Linear Technology LTM8048 Datasheet HTML 3Page - Linear Technology LTM8048 Datasheet HTML 4Page - Linear Technology LTM8048 Datasheet HTML 5Page - Linear Technology LTM8048 Datasheet HTML 6Page - Linear Technology LTM8048 Datasheet HTML 7Page - Linear Technology LTM8048 Datasheet HTML 8Page - Linear Technology LTM8048 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTM8048
3
8048fa
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8048 isolation is tested at 725VDC for one second in each
polarity.
Note 3: The LTM8048E is guaranteed to meet performance specifications
from 0°C to 125°C. Specifications over the –40°C to 125°C internal
temperature range are assured by design, characterization and correlation
with statistical process controls. LTM8048I is guaranteed to meet
specifications over the full –40°C to 125°C internal operating temperature
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, RUN = 12V (Note 3).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input DC Voltage
BIAS = VIN
l
3.1
V
VOUT1 DC Voltage
RADJ1 = 12.4k
RADJ1 = 7.15k
RADJ1 = 3.16k
2.5
5
12
V
V
V
VIN Quiescent Current
VRUN = 0V
Not Switching
850
1μA
μA
VOUT1 Line Regulation
6V ≤ VIN ≤ 31V, IOUT = 0.15A
1.7
%
VOUT1 Load Regulation
0.05A ≤ IOUT ≤ 0.2A
1.5
%
VOUT1 Ripple (RMS)
IOUT = 0.1A
20
mV
Input Short Circuit Current
VOUT1 Shorted
30
mA
RUN Pin Input Threshold
RUN Pin Rising
1.18
1.24
1.30
V
RUN Pin Current
VRUN = 1V
VRUN = 1.3V
2.5
0.1
μA
μA
SS Threshold
0.7
V
SS Sourcing Current
SS = 0V
–10
μA
BIAS Current
VIN = 12V, BIAS = 5V, ILOAD1 = 100mA
8
mA
Minimum BIAS Voltage (Note 4)
ILOAD1 = 100mA
3.1
V
LDO (VOUT2) Minimum Input DC Voltage
(Note 5)
1.8
2.3
V
VOUT2 Voltage Range
VOUT1 = 16V, RADJ2 Open, No Load (Note 5)
VOUT1 = 16V, RADJ2 = 41.2k, No Load (Note 5)
1.22
15.8
V
V
ADJ2 Pin Voltage
VOUT1 = 2V, IOUT2 = 1mA (Note 5)
VOUT1 = 2V, IOUT2 = 1mA, E- and I-Grades (Note 5)
VOUT1 = 2V, IOUT2 = 1mA, MP-Grade (Note 5)
l
l
1.19
1.15
1.22
1.25
1.29
V
V
V
VOUT2 Line Regulation
2V < VOUT1 < 16V, IOUT2 = 1mA (Note 5)
1
5
mV
VOUT2 Load Regulation
VOUT1 = 5V, 10mA < IOUT2 = 300mA (Note 5)
2
10
mV
LDO Dropout Voltage
IOUT2 = 10mA (Note 5)
IOUT2 = 100mA (Note 5)
IOUT2 = 300mA (Note 5)
0.25
0.34
0.43
V
V
V
VOUT2 Ripple (RMS)
CBYP = 0.01μF, IOUT2 = 300mA, BW = 100Hz to 100kHz (Note 5)
20
μVRMS
range. The LTM8048MP is guaranteed to meet specifications over the
full –55°C to 125°C internal operating temperature range. Note that
the maximum internal temperature is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
resistance and other environmental factors.
Note 4: This is the BIAS pin voltage at which the internal circuitry is
powered through the BIAS pin and not the integrated regulator. See BIAS
Pin Considerations for details.
Note 5: VRUN = 0V (Flyback not running), but the VOUT2 post regulator is
powered by applying a voltage to VOUT1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com