Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8033 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM8033
Description  3.1VIN to 32VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8033 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM8033 Datasheet HTML 9Page - Linear Technology LTM8033 Datasheet HTML 10Page - Linear Technology LTM8033 Datasheet HTML 11Page - Linear Technology LTM8033 Datasheet HTML 12Page - Linear Technology LTM8033 Datasheet HTML 13Page - Linear Technology LTM8033 Datasheet HTML 14Page - Linear Technology LTM8033 Datasheet HTML 15Page - Linear Technology LTM8033 Datasheet HTML 16Page - Linear Technology LTM8033 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTM8048
13
8048fa
APPLICATIONS INFORMATION
Isolation and Working Voltage
The LTM8048 isolation is tested by tying all of the primary
pins together, all of the secondary pins together and
subjecting the two resultant circuits to a differential of
±725VDC for one second. This establishes the isolation
voltage rating, but it does not determine the working volt-
age rating, which is subject to the application board layout
and possibly other factors. The metal to metal separation
of the primary and secondary throughout the LTM8048
substrate is 0.44mm.
VOUT2 Post Regulator
VOUT2 is produced by a high performance low dropout
300mA regulator. At full load, its dropout is less than
430mV over temperature. Its output is set by applying a
resistor from the RADJ2 pin to GND; the value of RADJ2
can be calculated by the equation:
RADJ2 =
608.78
VOUT2 –1.22
k
Ω
VOUT1 to VOUT– Reverse Voltage
The LTM8048 cannot tolerate a reverse voltage from VOUT1
to VOUT– during operation. If VOUT– raises above VOUT1
during operation, the LTM8048 may be damaged. To protect
against this condition, a low forward drop power Schottky
diode has been integrated into the LTM8048, anti-parallel
to VOUT1/VOUT–. This can protect the output against many
reverse voltage faults. Reverse voltage faults can be both
steady state and transient. An example of a steady state
voltage reversal is accidentally misconnecting a powered
LTM8048 to a negative voltage source. An example of
transient voltage reversals is a momentary connection to
a negative voltage. It is also possible to achieve a VOUT1
reversal if the load is short-circuited through a long cable.
The inductance of the long cable forms an LC tank circuit
with the VOUT1 capacitance, which drive VOUT1 negative.
Avoid these conditions.
VOUT2 Post Regulator Bypass Capacitance and Low
Noise Performance
The VOUT2 linear regulator may be used with the addition
of a 0.01μF bypass capacitor from VOUT to the BYP pin
to lower output voltage noise. A good quality low leakage
capacitor, such as a X5R or X75 ceramic, is recommended.
This capacitor will bypass the reference of the regulator,
lowering the output voltage noise to as low as 20μVRMS.
Using a bypass capacitor has the added benefit of improv-
ing transient response.
PCB Layout
Most of the headaches associated with PCB layout have
been alleviated or even eliminated by the high level of
integration of the LTM8048. The LTM8048 is neverthe-
less a switching power supply, and care must be taken to
minimize electrical noise to ensure proper operation. Even
with the high level of integration, you may fail to achieve
specified operation with a haphazard or poor layout. See
Figure 1 for a suggested layout. Ensure that the grounding
and heat sinking are acceptable.
Figure 1. Layout Showing Suggested External Components,
Planes and Thermal Vias
8048 F01
BIAS
RUN
GND
ADJ2
BYP
ADJ1
LTM8048
SS
COUT2
COUT1
VOUT
–
VOUT2
VIN
VOUT1
CIN
THERMAL/INTERCONNECT VIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com