Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8061 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8061
Description  3.1VIN to 32VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 4 Page - Linear Technology

  LTM8061 Datasheet HTML 1Page - Linear Technology LTM8061 Datasheet HTML 2Page - Linear Technology LTM8061 Datasheet HTML 3Page - Linear Technology LTM8061 Datasheet HTML 4Page - Linear Technology LTM8061 Datasheet HTML 5Page - Linear Technology LTM8061 Datasheet HTML 6Page - Linear Technology LTM8061 Datasheet HTML 7Page - Linear Technology LTM8061 Datasheet HTML 8Page - Linear Technology LTM8061 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTM8048
4
8048fa
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load
Efficiency vs Load
BIAS Current vs VOUT1 Load
Efficiency vs Load
Efficiency vs Load
Efficiency vs Load
VOUT1 CURRENT (mA)
0
90
70
80
60
50
100
300
8048 G01
500
200
400
12VIN
24VIN
VOUT1 = 2.5V
BIAS = 5V
VOUT1 CURRENT (mA)
0
100
90
70
80
60
100
300
8048 G04
350
200
250
150
50
12VIN
24VIN
VOUT1 = 8V
BIAS = 5V
VOUT1 CURRENT (mA)
0
100
90
70
80
60
100
8048 G05
250
200
150
50
12VIN
24VIN
VOUT1 = 12V
BIAS = 5V
8.5
8.0
6.0
7.0
5.0
4.0
6.5
7.5
5.5
4.5
VOUT1 CURRENT (mA)
0
100
300
8048 G06
500
200
400
12VIN
24VIN
VOUT1 = 2.5V
BIAS = 5V
VOUT1 CURRENT (mA)
0
90
70
80
60
50
100
300
8048 G02
400
200
12VIN
24VIN
VOUT1 = 3.3V
BIAS = 5V
VOUT1 CURRENT (mA)
0
90
70
80
60
50
100
300
8048 G03
350
200
250
150
50
12VIN
24VIN
VOUT1 = 5V
BIAS = 5V
BIAS Current vs VOUT1 Load
BIAS Current vs VOUT1 Load
BIAS Current vs VOUT1 Load
VOUT1 CURRENT (mA)
0
8.5
8.0
6.0
7.0
5.0
4.0
6.5
7.5
5.5
4.5
100
300
8048 G07
400
200
12VIN
24VIN
VOUT1 = 3.3V
BIAS = 5V
VOUT1 CURRENT (mA)
10
6
8
4
7
9
5
8048 G08
12VIN
24VIN
VOUT1 = 5V
BIAS = 5V
0
100
300
350
200
250
150
50
VOUT1 CURRENT (mA)
12
11
10
6
8
4
7
9
5
8048 G09
12VIN
24VIN
VOUT1 = 8V
BIAS = 5V
0
100
300
350
200
250
150
50
Unless otherwise noted, operating conditions are
as in Table 1 (TA = 25°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com