Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY397 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # BY397
Description  Fast Recovery Diode, 3.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

BY397 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  BY397 Datasheet HTML 1Page - Naina Semiconductor ltd. BY397 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Fast Recovery Diode
Features
•
Diffused junction
•
High efficiency
•
Low forward voltage drop
•
Low power loss
•
High surge current capability
Mechanical Characteristics
•
Case: Molded Plastic
•
Cathode indicated by Polarity band
•
Mounting position: Any
•
Terminals: Finish Tin plated, Solderable
MIL-STD-202, Method 208
•
Weight: 0.33 grams (approx.)
Maximum Ratings (TA = 25
0C unless otherwise specified
Parameter
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward output current
Peak forward surge current (8.3ms) single half sine
superimposed on rated load
Thermal and Mechanical Specifications (T
Parameters
Typical thermal resistance, junction to ambient
Operating and Storage temperature range
Electrical Characteristics (TA = 25
0C unless otherwise
Parameters
Maximum DC forward voltage drop @ 3.0A
Maximum DC reverse current @ rated DC blocking
voltage
Maximum reverse recovery time
emiconductor Ltd.
Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120
sales@nainasemi.com
•
www.nainasemi.com
Fast Recovery Diode, 3.0A
, Solderable per
C unless otherwise specified)
Symbol
VRRM
VRMS
VDC
Maximum average forward output current @ TA = 50
0C
IF(AV)
ms) single half sine-wave
IFSM
(TA = 25
0C unless otherwise specified)
Symbol
Typical thermal resistance, junction to ambient
RθJA
TJ , TStg
- 6
C unless otherwise specified)
Symbol
A DC
VF
Maximum DC reverse current @ rated DC blocking
TA = 25
0C
IR
TA = 55
0C
tRR
DO-201AD (DO
BY397
4205450
•
Fax: 0120-4273653
BY397
Units
200
V
140
V
200
V
3.0
A
200
A
Values
Units
65
0C/W
65 to + 150
0C
BY397
Units
1.3
V
10
µA
50
500
ns
201AD (DO-27)


Similar Part No. - BY397

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY397 PANJIT-BY397 Datasheet
60Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
BY397 TRSYS-BY397 Datasheet
139Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Jinan Gude Electronic D...
BY397 JGD-BY397 Datasheet
143Kb / 2P
3.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Semtech Corporation
BY397 SEMTECH-BY397 Datasheet
72Kb / 2P
FAST SILICON RECTIFIERS???
logo
Bytes
BY397 BYTES-BY397 Datasheet
46Kb / 1P
3.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - BY397

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR301 WTE-FR301_06 Datasheet
55Kb / 4P
3.0A FAST RECOVERY DIODE
logo
TAITRON Components Inco...
TF301 TAITRON-TF301 Datasheet
131Kb / 4P
3.0A Fast Recovery Rectifier
logo
SEMTECH ELECTRONICS LTD...
BY396 SEMTECH_ELEC-BY396 Datasheet
142Kb / 2P
3.0A FAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
RGP30A ZSELEC-RGP30A Datasheet
86Kb / 2P
3.0A GLASS PASSIVATED FAST RECOVERY DIODE
RS3A ZSELEC-RS3A Datasheet
146Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY DIODE
FR3A ZSELEC-FR3A Datasheet
122Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY DIODE
FR301G ZSELEC-FR301G Datasheet
83Kb / 2P
3.0A GLASS PASSIVATED FAST RECOVERY DIODE
FS3A ZSELEC-FS3A Datasheet
73Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY DIODE
PG300R ZSELEC-PG300R Datasheet
136Kb / 2P
3.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR3001G ZSELEC-PR3001G Datasheet
136Kb / 2P
3.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com