Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116LP3 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS116LP3
Description  ULTRA-SMALL SURFACE MOUNT LOW LEAKAGE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS116LP3 Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS116LP3 Datasheet HTML 1Page - Diodes Incorporated BAS116LP3 Datasheet HTML 2Page - Diodes Incorporated BAS116LP3 Datasheet HTML 3Page - Diodes Incorporated BAS116LP3 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS116LP3
Document number: DS35241 Rev. 5 - 2
2 of 4
www.diodes.com
January 2012
© Diodes Incorporated
BAS116LP3
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
85
V
RMS Reverse Voltage
VR(RMS)
60
V
Forward Continuous Current (Note 4)
IFM
215
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0ms
@ t = 1.0s
IFSM
4.0
1.0
0.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
250
mW
Thermal Resistance Junction to Ambient Air (Note 4)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
85
V
IR = 100μA
Forward Voltage
VF
0.75
0.9
1.0
1.15
0.95
1.10
1.20
1.35
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Leakage Current (Note 5)
IR
10.0
100
500
nA
VR = 75V
VR = 1V, TJ = 150°C
VR = 75V, TJ = 150°C
Total Capacitance
CT
1.6
3.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
120
3000
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
4. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com.
5. Short duration pulse test used to minimize self-heating effect.
0
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve, Total Package
A
50
100
150
200
250
300
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
0
0.4
0.8
1.2
1.6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com