Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B140LB Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B140LB
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B140LB Datasheet(HTML) 2 Page - Diodes Incorporated

  B140LB Datasheet HTML 1Page - Diodes Incorporated B140LB Datasheet HTML 2Page - Diodes Incorporated B140LB Datasheet HTML 3Page - Diodes Incorporated B140LB Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B140HB
Document number: DS30128 Rev. 11 - 2
2 of 4
www.diodes.com
September 2010
© Diodes Incorporated
B140HB
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
@ IR = 0.1mA
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Output Current
@ TT = 115°CIO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
45
A
Non-Repetitive Peak Forward Surge Current 5
μs
Single Half Sine-Wave
IFSM
430
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Terminal (Note 4)
RθJT
36
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
-
-
-
-
-
-
-
-
0.53
0.49
0.70
0.64
V
IF = 1.0A, TA = 25°C
IF = 1.0A, TA = 125°C
IF = 2.0A, TA = 25°C
IF = 2.0A, TA = 125°C
Leakage Current (Note 5)
IR
-
-
-
-
0.1
4.0
mA
VR = 40V, TA = 25°C
VR = 40V, TA = 100°C
Total Capacitance
CT
-
-
80
pF
VR = 5V, f = 1MHz
Notes:
4. Thermal Resistance: Junction to terminal, unit mounted on PC board with 5.0 mm
2 (0.013 mm thick) copper pads as heat sink.
5. Short duration pulse test used to minimize self-heating effect.
0.1
1
10
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0
10
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
10
1
0.1
0.01
0.001
0.0001



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com