Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0035.9620. Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0035.9620.
Description  LED-Holder ASL (for T 1 LED)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0035.9620. Datasheet(HTML) 1 Page - Schurter Inc.

  0035.9620. Datasheet HTML 1Page - Schurter Inc. 0035.9620. Datasheet HTML 2Page - Schurter Inc. 0035.9620. Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHURTER GmbH • Tel.: ++ 49 7642 682 0 • Fax: ++49 7642 8820 • e-mail: info@schurter.de • Internet: www.schurter.de
LED-Fassung ASL (für 3 mm 1 LED)
LED-Holder ASL (for T 1 LED)
Ausführungen
Models
Abmessungen
Dimensions
Technische Daten
/ Technical data
1. Mechanische Kennwerte / Mechanical data
2. Sonstige Kennwerte / Other data
Lötbarkeit / Solderability
max. 2 s 235 °C ( IEC 68 2-20 Test Ta Methode 1 )
Lötwärmebeständigkeit / Soldering heat resistance
max. 5 s 260 °C ( IEC 68 2-20 Test Tb Methode 1A )
Umgebungstemperatur / Ambient temperature
-25°C ... +85°C
Lagertemperatur / Storage temperature
-55°C ... +100°C
3. Werkstoffe / Materials
Thermoplast
Technische Daten der LED 0925.0029/30/67 siehe S.100/101 / Technical data LED 0925.0029/30/67 see folding p. 100/101
ASL mit LED / with LED
Sockel / Socket


Similar Part No. - 0035.9620.

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0035.9620.1 SCHURTER-0035.9620.1 Datasheet
118Kb / 3P
LED-Fassung ASL (fur 3 mm 1 LED)
More results

Similar Description - 0035.9620.

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0035.9620.1 SCHURTER-0035.9620.1 Datasheet
118Kb / 3P
LED-Fassung ASL (fur 3 mm 1 LED)
logo
List of Unclassifed Man...
H-178C-LP ETC2-H-178C-LP Datasheet
34Kb / 1P
T-1 (3mm) LED HOLDER
H-403C ETC2-H-403C Datasheet
168Kb / 1P
QUAD-LEVEL-T-1 (3mm) LED HOLDER INTERLOCKING
H-175C ETC2-H-175C Datasheet
84Kb / 1P
T-1 (5mm) LED HOLDER INTERLOCKING VARIABLE DIAMETER
logo
Bivar, Inc.
920-300 BIVAR-920-300 Datasheet
53Kb / 1P
SINGLE T-1(3mm) LED HOLDER
07/14/03
922-340 BIVAR-922-340 Datasheet
64Kb / 1P
MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
922-341 BIVAR-922-341 Datasheet
64Kb / 1P
MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
922-342 BIVAR-922-342 Datasheet
64Kb / 1P
MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
922-343 BIVAR-922-343 Datasheet
64Kb / 1P
MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
H-125C-LP BIVAR-H-125C-LP Datasheet
52Kb / 1P
SINGLE LEVEL T-1 (3mm) LED HOLDER
06/24/02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com