Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOT143 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # SOT143
Description  SUGGESTED PAD LAYOUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SOT143 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button SOT143 Datasheet HTML 5Page - Diodes Incorporated SOT143 Datasheet HTML 6Page - Diodes Incorporated SOT143 Datasheet HTML 7Page - Diodes Incorporated SOT143 Datasheet HTML 8Page - Diodes Incorporated SOT143 Datasheet HTML 9Page - Diodes Incorporated SOT143 Datasheet HTML 10Page - Diodes Incorporated SOT143 Datasheet HTML 11Page - Diodes Incorporated SOT143 Datasheet HTML 12Page - Diodes Incorporated SOT143 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 52
9 of 27
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
U-DFN3020-8
Type M
Dimensions
Value
(in mm)
C
0.650
X
0.400
X1
0.600
X2
1.320
X3
1.200
X4
0.200
X5
2.750
Y
0.750
Y1
0.550
Y2
0.680
Y3
0.450
Y4
0.430
Y5
2.400
Y6
0.250
U-DFN3020-10
Dimensions
Value
(in mm)
C
0.650
G
0.150
G1
0.600
X
0.300
X1
0.350
X2
2.800
Y
0.500
Y1
1.000
Y2
2.300
U-DFN3030-4
U-DFN3030-8
Dimensions
Value (in mm)
C
1.300
G1
0.100
G2
0.150
G3
0.830
G4
0.115
G5
0.135
G6
0.170
G7
0.500
G8
0.500
R
0.150
X
0.500
X1
1.375
X2
1.225
X3
1.175
Y
1.980
Y1
1.015
Y2
0.715
Y3
0.650
Dimensions Value (in mm)
Z
2.59
G
0.11
X1
2.49
X2
0.65
Y
0.39
C
0.65
Pin1
X (8x)
C
X5
Y3
Y4
Y6
Y (4x)
Y5
Y1 (2x)
X3
X2
X4
Y2
X1 (2x)
X2
Y2
C
X
Y
X1
Y1
G
G1
Y
X (4x)
C
Y3 (2x)
Y2
Y1
G1
G3
G4
R
G7
G8
X3
G5
X1
X2
G2
G6
Z
G
X1
X2
YC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com