Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC74R Datasheet(PDF) 12 Page - Diodes Incorporated

Part # SC74R
Description  SUGGESTED PAD LAYOUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SC74R Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button SC74R Datasheet HTML 8Page - Diodes Incorporated SC74R Datasheet HTML 9Page - Diodes Incorporated SC74R Datasheet HTML 10Page - Diodes Incorporated SC74R Datasheet HTML 11Page - Diodes Incorporated SC74R Datasheet HTML 12Page - Diodes Incorporated SC74R Datasheet HTML 13Page - Diodes Incorporated SC74R Datasheet HTML 14Page - Diodes Incorporated SC74R Datasheet HTML 15Page - Diodes Incorporated SC74R Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 52
12 of 27
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
U-DFN4030-12 Type C
DFN322
Dimensions
Value
(in mm)
C
0.500
G
0.225
X
0.300
X1
0.800
X2
0.890
X3
0.990
X4
1.150
X5
3.590
Y
0.600
Y1
0.600
Y2
0.440
Y3
1.030
Y4
1.750
Y5
3.400
Y6
0.275
Dimensions
Value
(in mm)
C
0.65
G
0.20
X
0.35
X1
1.52
Y
0.55
Y1
0.98
Y2
0.47
Y3
0.63
Y4
2.20
W-DFN5020-6
W-DFN5060-4
Dimensions Value (in mm)
C
0.50
G
0.35
X
0.35
X1
0.90
X2
1.80
Y
0.70
Y2
1.60
Y3
3.20
Dimensions Value (in mm)
C
4.00
X
0.75
Y
0.95
Y1
6.20
Z
4.75
DF-S / MiniDIP
MSOP-8
Dimensions DF-S
MiniDIP
Z
10.26
6.91
X
1.2
0.60
Y
1.52
0.76
C
5.2
2.67
Dimensions
Value
(in mm)
C
0.650
X
0.450
Y
1.350
Y1
5.300
X3
Y2
Y6
G
1
Y4
Y
Y5
X (12x)
Y3
X4
X5
X1
X2
Y1 (6x)
C
X1
Y3
Y1
Y (2x)
X (3x)
C
C
Y2
Y4
G
Y3
X2
X1
Y2
XC
Y
G
Y1
Y (4x)
X (4x)
C
Z
X
C
Y
Z
X
C
Y
Y1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com