Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFT09MS031N Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # AFT09MS031N
Description  RF Power LDMOS Transistors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AFT09MS031N Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  AFT09MS031N Datasheet HTML 1Page - Freescale Semiconductor, Inc AFT09MS031N Datasheet HTML 2Page - Freescale Semiconductor, Inc AFT09MS031N Datasheet HTML 3Page - Freescale Semiconductor, Inc AFT09MS031N Datasheet HTML 4Page - Freescale Semiconductor, Inc AFT09MS031N Datasheet HTML 5Page - Freescale Semiconductor, Inc AFT09MS031N Datasheet HTML 6Page - Freescale Semiconductor, Inc AFT09MS031N Datasheet HTML 7Page - Freescale Semiconductor, Inc AFT09MS031N Datasheet HTML 8Page - Freescale Semiconductor, Inc AFT09MS031N Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AFT09MS031NR1 AFT09MS031GNR1
5
RF Device Data
Freescale Semiconductor, Inc.
870 MHz NARROWBAND PRODUCTION TEST FIXTURE
Figure 5. AFT09MS031NR1 Narrowband Test Circuit Component Layout — 870 MHz
C10
C9
C13
C14
B1
C15
B2
C16
C11
C12
C7
C2
L3
L2
C5
C3
L1
C4
C6
AFT09MS031N
Rev. 0
C1
VGG
VDD
C8
Table 6. AFT09MS031NR1 Narrowband Test Circuit Component Designations and Values — 870 MHz
Part
Description
Part Number
Manufacturer
B1, B2
RF Beads, Long
2743021447
Fair--Rite
C1
3.9 pF Chip Capacitor
ATC100B3R9CT500XT
ATC
C2, C14, C15
56 pF Chip Capacitors
ATC100B560CT500XT
ATC
C3, C4, C5, C6
10 pF Chip Capacitors
ATC100B100JT500XT
ATC
C7, C8
3.6 pF Chip Capacitors
ATC100B3R6CT500XT
ATC
C9
2.5 μF Chip Capacitor
GRM31CR71H225KA88L
Murata
C10, C11
0.1 μF Chip Capacitors
C1206C104K1RAC--TU
Kemet
C12
10,000 pF Chip Capacitor
ATC200B103KT50XT
ATC
C13
22 μF, 25 V Tantalum Capacitor
TPSD226M025R0200
AVX
C16
330 μF, 35 V Electrolytic Capacitor
MCGPR35V337M10X16--RH
Multicomp
L1
8.0 nH, 3 Turn Inductor
A03TKLC
Coilcraft
L2
18.5 nH, 5 Turn Inductor
A05TKLC
Coilcraft
L3
5.0 nH, 2 Turn Inductor
A02TKLC
Coilcraft
PCB
0.030″, εr =3.5
RO4350B
Rogers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com