Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQR1 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQR1
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQR1 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQR1 Datasheet HTML 17Page - Freescale Semiconductor, Inc FXOS8700CQR1 Datasheet HTML 18Page - Freescale Semiconductor, Inc FXOS8700CQR1 Datasheet HTML 19Page - Freescale Semiconductor, Inc FXOS8700CQR1 Datasheet HTML 20Page - Freescale Semiconductor, Inc FXOS8700CQR1 Datasheet HTML 21Page - Freescale Semiconductor, Inc FXOS8700CQR1 Datasheet HTML 22Page - Freescale Semiconductor, Inc FXOS8700CQR1 Datasheet HTML 23Page - Freescale Semiconductor, Inc FXOS8700CQR1 Datasheet HTML 24Page - Freescale Semiconductor, Inc FXOS8700CQR1 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
21
7.8
Pulse detection
FXOS8700CQ has embedded single/double and directional pulse detection. This function employs several timers for
programming the pulse width time and the latency between pulses. The detection thresholds are independently programmable
for each axis. The acceleration data input to the pulse detection circuit can be put through both high and low-pass filters, allowing
for greater flexibility in discriminating between pulse and tap events. The PULSE_SRC register provides information on the axis,
direction (polarity), and single/double event status for the detected pulse or tap. For more information on how to configure the
device for pulse detection, please refer to Freescale application note AN4072.
7.9
Orientation detection
FXOS8700CQ has an embedded orientation detection algorithm with the ability to detect all six orientations. The transition angles
and hysteresis are programmable, allowing for a smooth transition between portrait and landscape orientations.
The angle at which the device no longer detects the orientation change is referred to as the “Z-lockout angle”. The device operates
down to 29° from the flat position. All angles are accurate to ±2°.
For further information on the orientation detection function refer to Freescale application note, AN4068.
7.10
Acceleration Vector Magnitude detection
FXOS8700CQ incorporates an acceleration vector magnitude change detection block that can be configured to generate an
interrupt when the acceleration magnitude exceeds a pre-set threshold for a programmed debounce time. The function can be
configured to operate in absolute or relative modes, and can also act as a wake to sleep/sleep to wake source. This function is
useful for detecting acceleration transients when operated in absolute mode, or for detecting changes in orientation when
operated in relative mode.
7.11
Magnetic Vector Magnitude detection
FXOS8700CQ incorporates a magnetic vector magnitude change detection block that can be configured to generate an interrupt
when the magnetic field magnitude exceeds a pre-set threshold for a programmed debounce time. The function can be
configured to operate in absolute or relative modes, and can also act as a wake to sleep/sleep to wake source.
7.12
Magnetic Threshold detection
FXOS8700CQ incorporates a magnetic threshold event detection block that can be configured to generate an interrupt when the
magnetic field on the enabled axes is above or below a programmed threshold.
Two logic combinations are possible for the detection: all of the enabled axes below their respective thresholds (AND condition),
or any of the enabled axes above their respective thresholds (OR condition). Even detection may be filtered using a dedicated
debounce counter to avoid spurious event detection. The thresholds for each axis are individually programmable and the function
can also act as a wake to sleep/sleep to wake source.
7.13
Magnetic Min/Max detection (autonomous calibration)
FXOS8700CQ incorporates a magnetic min/max detection circuit that can be used to automatically track the minimum and
maximum field values measured on each of the X, Y, and Z axes. The stored minimum and maximum values may optionally be
used to determine the magnetic hard-iron compensation and load the offset registers with the appropriate correction values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com