Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK30DX64VMB7 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MK30DX64VMB7
Description  K30 Sub-Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK30DX64VMB7 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MK30DX64VMB7 Datasheet HTML 30Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 31Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 32Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 33Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 34Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 35Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 36Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 37Page - Freescale Semiconductor, Inc MK30DX64VMB7 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
Table 21. NVM reliability specifications (continued)
Symbol
Description
Min.
Typ.1
Max.
Unit
Notes
Data Flash
tnvmretd10k Data retention after up to 10 K cycles
5
50
—
years
tnvmretd1k Data retention after up to 1 K cycles
20
100
—
years
nnvmcycd
Cycling endurance
10 K
50 K
—
cycles
2
FlexRAM as EEPROM
tnvmretee100 Data retention up to 100% of write endurance
5
50
—
years
tnvmretee10 Data retention up to 10% of write endurance
20
100
—
years
nnvmwree16
nnvmwree128
nnvmwree512
nnvmwree4k
nnvmwree8k
Write endurance
• EEPROM backup to FlexRAM ratio = 16
• EEPROM backup to FlexRAM ratio = 128
• EEPROM backup to FlexRAM ratio = 512
• EEPROM backup to FlexRAM ratio = 4096
• EEPROM backup to FlexRAM ratio = 8192
35 K
315 K
1.27 M
10 M
20 M
175 K
1.6 M
6.4 M
50 M
100 M
—
—
—
—
—
writes
writes
writes
writes
writes
3
1. Typical data retention values are based on measured response accelerated at high temperature and derated to a constant
25°C use profile. Engineering Bulletin EB618 does not apply to this technology. Typical endurance defined in Engineering
Bulletin EB619.
2. Cycling endurance represents number of program/erase cycles at -40°C ≤ Tj ≤ 125°C.
3. Write endurance represents the number of writes to each FlexRAM location at -40°C ≤Tj ≤ 125°C influenced by the cycling
endurance of the FlexNVM (same value as data flash) and the allocated EEPROM backup per subsystem. Minimum and
typical values assume all byte-writes to FlexRAM.
6.4.1.5 Write endurance to FlexRAM for EEPROM
When the FlexNVM partition code is not set to full data flash, the EEPROM data set size
can be set to any of several non-zero values.
The bytes not assigned to data flash via the FlexNVM partition code are used by the
FTFL to obtain an effective endurance increase for the EEPROM data. The built-in
EEPROM record management system raises the number of program/erase cycles that can
be attained prior to device wear-out by cycling the EEPROM data through a larger
EEPROM NVM storage space.
While different partitions of the FlexNVM are available, the intention is that a single
choice for the FlexNVM partition code and EEPROM data set size is used throughout the
entire lifetime of a given application. The EEPROM endurance equation and graph
shown below assume that only one configuration is ever used.
Writes_subsystem =
× Write_efficiency × n
EEPROM – 2 × EEESPLIT × EEESIZE
EEESPLIT × EEESIZE
nvmcycd
where
Peripheral operating requirements and behaviors
K30 Sub-Family Data Sheet, Rev. 2, 4/2012.
34
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com