Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR4 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # FR4
Description  RF Power LDMOS Transistors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FR4 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  FR4 Datasheet HTML 1Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 2Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 3Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 4Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 5Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 6Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 7Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 8Page - Freescale Semiconductor, Inc FR4 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
AFT09MS031NR1 AFT09MS031GNR1
TYPICAL CHARACTERISTICS
20
1
100
010
5
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 2. Capacitance versus Drain--Source Voltage
15
10
0
5
4
2
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 3. Drain Current versus Drain--Source Voltage
6
2
VGS =4.0 Vdc
Note: Measured with both sides of the transistor tied together.
4
3
1
10
812
16
14
18
20
TA =25°C
2.5 Vdc
0
Crss
Ciss
Coss
300
6
7
8
9
3.0 Vdc
3.25 Vdc
3.5 Vdc
250
109
90
TJ, JUNCTION TEMPERATURE (°C)
Figure 4. MTTF versus Junction Temperature -- CW
Note:
MTTF value represents the total cumulative operating time
under indicated test conditions.
107
106
104
110
130
150
170
190
210
230
108
105
VDD = 13.6 Vdc
ID =2.6 Amps
3.2 Amps
3.9 Amps
Measured with ±30 mV(rms)ac @ 1 MHz
VGS =0 Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com