Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0906-2KLC Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 0906-2KLC
Description  RF Power LDMOS Transistors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

0906-2KLC Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  0906-2KLC Datasheet HTML 1Page - Freescale Semiconductor, Inc 0906-2KLC Datasheet HTML 2Page - Freescale Semiconductor, Inc 0906-2KLC Datasheet HTML 3Page - Freescale Semiconductor, Inc 0906-2KLC Datasheet HTML 4Page - Freescale Semiconductor, Inc 0906-2KLC Datasheet HTML 5Page - Freescale Semiconductor, Inc 0906-2KLC Datasheet HTML 6Page - Freescale Semiconductor, Inc 0906-2KLC Datasheet HTML 7Page - Freescale Semiconductor, Inc 0906-2KLC Datasheet HTML 8Page - Freescale Semiconductor, Inc 0906-2KLC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
AFT05MS031NR1 AFT05MS031GNR1
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistors
High Ruggedness N--Channel
Enhancement--Mode Lateral MOSFETs
Designed for mobile two--way radio applications with frequencies from
136 to 520 MHz. The high gain, ruggedness and broadband performance of
these devices make them ideal for large--signal, common source amplifier
applications in mobile radio equipment.
Typical Performance: (13.6 Vdc, TA =25°C, CW)
Frequency
(MHz)
Gps
(dB)
ηD
(%)
P1dB
(W)
380--450 (1,3)
18.3
64.1
31
450--520 (2,3)
17.7
62.0
31
520 (4)
17.7
71.4
33
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal
Type
VSWR
Pout
(W)
Test
Voltage
Result
520 (4)
CW
>65:1 at all
Phase Angles
47
(3 dB Overdrive)
17
No Device
Degradation
1. Measured in 380--450 MHz UHF wideband reference circuit.
2. Measured in 450--520 MHz UHF wideband reference circuit.
3. The values shown are the minimum measured performance numbers across the
indicated frequency range.
4. Measured in 520 MHz narrowband test circuit.
Features
• Characterized for Operation from 136 to 520 MHz
• Unmatched Input and Output Allowing Wide Frequency Range Utilization
• Integrated ESD Protection
• Integrated Stability Enhancements
• Wideband — Full Power Across the Band:
− 136--174 MHz
− 380--450 MHz
− 450--520 MHz
• 225°C Capable Plastic Package
• Exceptional Thermal Performance
• High Linearity for: TETRA, SSB, LTE
• Cost--effective Over--molded Plastic Packaging
• In Tape and Reel. R1 Suffix = 500 Units, 24 mm Tape Width, 13 inch Reel.
Typical Applications
• Output Stage VHF Band Mobile Radio
• Output Stage UHF Band Mobile Radio
Document Number: AFT05MS031N
Rev. 0, 6/2012
Freescale Semiconductor
Technical Data
136--520 MHz, 31 W, 13.6 V
WIDEBAND
RF POWER LDMOS TRANSISTORS
AFT05MS031NR1
AFT05MS031GNR1
TO--270--2
PLASTIC
AFT05MS031NR1
Figure 1. Pin Connections
(Top View)
Drain
Gate
Note: The backside of the package is the
source terminal for the transistor.
TO--270--2 GULL
PLASTIC
AFT05MS031GNR1
© Freescale Semiconductor, Inc., 2012. All rights reserved.


Similar Part No. - 0906-2KLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0906-2KLC COILCRAFT-0906-2KLC Datasheet
309Kb / 2P
Micro Spring Air Core Inductors
More results

Similar Description - 0906-2KLC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 3/2016
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
RF Power LDMOS Transistors
Rev. 1, 08/2017
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 09/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com