Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50DX256CLL10 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MK50DX256CLL10
Description  K50 Sub-Family
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK50DX256CLL10 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MK50DX256CLL10 Datasheet HTML 17Page - Freescale Semiconductor, Inc MK50DX256CLL10 Datasheet HTML 18Page - Freescale Semiconductor, Inc MK50DX256CLL10 Datasheet HTML 19Page - Freescale Semiconductor, Inc MK50DX256CLL10 Datasheet HTML 20Page - Freescale Semiconductor, Inc MK50DX256CLL10 Datasheet HTML 21Page - Freescale Semiconductor, Inc MK50DX256CLL10 Datasheet HTML 22Page - Freescale Semiconductor, Inc MK50DX256CLL10 Datasheet HTML 23Page - Freescale Semiconductor, Inc MK50DX256CLL10 Datasheet HTML 24Page - Freescale Semiconductor, Inc MK50DX256CLL10 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
Table 10. General switching specifications (continued)
Symbol
Description
Min.
Max.
Unit
Notes
Port rise and fall time (low drive strength)
• Slew disabled
• 1.71 ≤ VDD ≤ 2.7V
• 2.7 ≤ VDD ≤ 3.6V
• Slew enabled
• 1.71 ≤ VDD ≤ 2.7V
• 2.7 ≤ VDD ≤ 3.6V
—
—
—
—
12
6
36
24
ns
ns
ns
ns
5
1. This is the minimum pulse width that is guaranteed to pass through the pin synchronization circuitry. Shorter pulses may or
may not be recognized. In Stop, VLPS, LLS, and VLLSx modes, the synchronizer is bypassed so shorter pulses can be
recognized in that case.
2. The greater synchronous and asynchronous timing must be met.
3. This is the minimum pulse width that is guaranteed to be recognized as a pin interrupt request in Stop, VLPS, LLS, and
VLLSx modes.
4. 75pF load
5. 15pF load
5.4 Thermal specifications
5.4.1 Thermal operating requirements
Table 11. Thermal operating requirements
Symbol
Description
Min.
Max.
Unit
TJ
Die junction temperature
–40
125
°C
TA
Ambient temperature
–40
85
°C
5.4.2 Thermal attributes
Board type
Symbol
Description
100 LQFP
Unit
Notes
Single-layer (1s)
RθJA
Thermal
resistance, junction
to ambient (natural
convection)
47
°C/W
1
Four-layer (2s2p)
RθJA
Thermal
resistance, junction
to ambient (natural
convection)
35
°C/W
1
Table continues on the next page...
General
K50 Sub-Family Data Sheet, Rev. 1, 6/2012.
Freescale Semiconductor, Inc.
Preliminary
21
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com