Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA20312B Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMA20312B
Description  Heterojunction Bipolar Transistor Technology
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA20312B Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMA20312B Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA20312B Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA20312B Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA20312B Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA20312B Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA20312B Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA20312B Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA20312B Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA20312B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MMA20312BT1
Table 4. Electrical Characteristics (VCC1 =VCC2 =VBIAS = 5 Vdc, 2140 MHz, TA =25°C, 50 ohm system, in Freescale W--CDMA
Application Circuit)
Characteristic
Symbol
Min
Typ
Max
Unit
Small--Signal Gain (S21) (1)
Gp
23.6
27.2
—
dB
Input Return Loss (S11)
IRL
—
--10.7
—
dB
Output Return Loss (S22)
ORL
—
--15.5
—
dB
Power Output @ 1dB Compression, CW
P1dB
—
28.2
—
dBm
Third Order Output Intercept Point, Two--Tone CW
OIP3
—
44.5
—
dBm
Noise Figure
NF
—
3.3
—
dB
Supply Current (1,2)
ICQ
62.5
70
77
mA
Supply Voltage (2)
VCC
—
5
—
V
Table 5. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
0, rated to 150 V
Machine Model (per EIA/JESD22--A115)
A
Charge Device Model (per JESD22--C101)
III
Table 6. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
°C
1. Specified data is based on performance of soldered down part in W--CDMA application circuit.
2. For reliable operation, the junction temperature should not exceed 150°C.
Figure 1. Functional Block Diagram
Figure 2. Pin Connections
VBA2
RFout
RFin
19
28
37
12
11
10
45
6
RFout
VCC1 VCC1
VBA1
VBIAS
VCC2
GND GND GND
VBA2
RFout
RFin
RFout
VCC1
VCC1
VBA1
VBIAS
VCC2
BIAS
CIRCUIT
BIAS
CIRCUIT
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com