Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8379E Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC8379E
Description  PowerQUICC II Pro Processor
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379E Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC8379E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8379E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8379E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8379E Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8379E Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8379E Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8379E Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8379E Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8379E Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 117 page
background image
MPC8379E PowerQUICC II Pro Processor Hardware Specifications, Rev. 8
Freescale Semiconductor
33
9.1
USB DC Electrical Characteristics
This table provides the DC electrical characteristics for the ULPI interface at recommended
OVDD = 3.3 V ± 165 mV.
9.2
USB AC Electrical Specifications
This table describes the general timing parameters of the USB interface of the device.
Table 34. USB DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Note
High-level input voltage
VIH
2OVDD + 0.3
V
1
Low-level input voltage
VIL
–0.3
0.8
V
1
Input current
IIN
—±30
μA2
High-level output voltage, IOH = –100 μAVOH
OVDD – 0.2
—
V
—
Low-level output voltage, IOL = 100 μAVOL
—0.2
V
—
Notes:
1. The minimum VIL and maximum VIH values are based on the respective minimum and maximum OVIN values found in
Table 3.
2. The symbol OVIN represents the input voltage of the supply and is referenced in Table 3.
Table 35. USB General Timing Parameters (ULPI Mode Only)
Parameter
Symbol 1
Min
Max
Unit
Note
USB clock cycle time
tUSCK
15
—
ns
2, 3, 4, 5
Input setup to USB clock—all inputs
tUSIVKH
4
—
ns
2, 3, 4, 5
Input hold to USB clock—all inputs
tUSIXKH
1
—
ns
2, 3, 4, 5
USB clock to output valid—all outputs
tUSKHOV
—
7
ns
2, 3, 4, 5
Output hold from USB clock—all outputs
tUSKHOX
2
—
ns
2, 3, 4, 5
Notes:
1. The symbols for timing specifications follow the pattern of t(First two letters of functional block)(signal)(state) (reference)(state) for inputs
and t(First two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tUSIXKH symbolizes USB timing (US)
for the input (I) to go invalid (X) with respect to the time the USB clock reference (K) goes high (H). Also, tUSKHOX symbolizes
USB timing (US) for the USB clock reference (K) to go high (H) with respect to the output (O) going invalid (X) or output hold
time.
2. All timings are in reference to the USB clock, USBDR_CLK.
3. All signals are measured from OVDD/2 of the rising edge of the USB clock to 0.4 × OVDD of the signal in question for 3.3-V
signaling levels.
4. Input timings are measured at the pin.
5. For active/float timing measurements, the high impedance or off state is defined to be when the total current delivered
through the component pin is less than or equal to that of the leakage current specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com