Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2R1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPL3115A2R1
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2R1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPL3115A2R1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
MPL3115A2
Sensors
4
Freescale Semiconductor, Inc.
Figure 2. Pin Connections
The device power is supplied through the VDD line. Power supply decoupling capacitors (100 nF ceramic plus 10 F bulk or
10
F ceramic) should be placed as near as possible to pin 1 of the device. A second 100 nF capacitor is used to bypass the
internal regulator. The functions, threshold and the timing of the interrupt pins (INT1 and INT2) are user programmable through
the I2C interface.
SCL
SDA
INT2
VddIO
100nF
100nF
10
μF
Vdd
INT1
1
8
VDDIO
VDD
2
3
45
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com