Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4205G Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TLE4205G
Description  1-A DC Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4205G Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TLE4205G Datasheet HTML 1Page - Siemens Semiconductor Group TLE4205G Datasheet HTML 2Page - Siemens Semiconductor Group TLE4205G Datasheet HTML 3Page - Siemens Semiconductor Group TLE4205G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4205G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4205G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4205G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4205G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4205G Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TLE 4205
Semiconductor Group
3
1998-02-01
Pin Definitions and Functions
Pin No.
Symbol
Function
1Q1
Output Q1 of channel 1; push-pull B output with DC
short-circuit protection to ground. Integrated free-wheeling
diodes to ground and the supply voltage.
2
V
S
Supply voltage
V
S; must be blocked to ground with a ceramic
capacitor of at least 100 nF directly on the pins of the IC.
3Q2
Output Q2 of channel 2; see pin 1.
4
GND
Ground
5
– I2
Inverting input channel 2; to be wired according to general
rules.
6
+ I2
Non-inverting input channel 2; to be wired according to
general rules.
7
+ I1
Non-inverting input channel 1; see pin 6.
8
– I1
Inverting input channel 1; see pin 5.
9INH
Inhibit; the IC is passive when this pin is open or connected to
ground.
10-18
GND
Ground; must be connected to pin 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com