Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4208G Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TLE4208G
Description  1-A Quad-HBD (Quad-Half-Bridge Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4208G Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TLE4208G Datasheet HTML 1Page - Siemens Semiconductor Group TLE4208G Datasheet HTML 2Page - Siemens Semiconductor Group TLE4208G Datasheet HTML 3Page - Siemens Semiconductor Group TLE4208G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4208G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4208G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4208G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4208G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4208G Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TLE 4208
Semiconductor Group
3
1998-06-03
Pin Definitions and Functions
Pin No.
Symbol
Function
1, 6, 7, 8, 9,
14, 20, 21,
22, 23
GND
Ground;
negative reference potential for blocking capacitor
2EF
12
Error Flag output of half-bridges 1and 2;
open collector; low = error
3
IN1
Input channel of half-bridge 1;
controls OUT1
4, 11, 15, 28 N.C.
Not connected
5
OUT1
Power output of half-bridge 1;
full short circuit protected; with integrated clamp diodes
10
OUT3
Power output of half-bridge 3;
full short-circuit protected; with integrated clamp diodes
12
IN3
Input channel of half-bridge 3;
controls OUT3
13
INH
34
Inhibit input of half-bridges 3 and 4;
low = half-bridges 3 and 4 in stand-by
16
EF
34
Error Flag output of half-bridges 3 and 4;
open collector; low = error
17
IN4
Input channel of half-bridge 4;
controls OUT4
18
V
S34
Power supply voltage of half-bridges 3 and 4;
positive reference potential for blocking capacitor
19
OUT4
Power output of half-bridge 4;
full short circuit protected; with integrated clamp diodes
24
OUT2
Power-output of half-bridge 2;
full short circuit protected; with integrated clamp diodes
25
V
S12
Power supply voltage of half-bridges 1 and 2;
positive reference potential for blocking capacitor
26
IN2
Input channel of half-bridge 2;
controls OUT2
27
INH
12
Inhibit input of half-bridges 1and 2;
low = half-bridges 1 and 2 in stand-by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com