Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT6780 Datasheet(PDF) 13 Page - ADTech

Part # ADT6780
Description  Thermally enhanced Low VFB Step-Down LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT6780 Datasheet(HTML) 13 Page - ADTech

Back Button ADT6780 Datasheet HTML 5Page - ADTech ADT6780 Datasheet HTML 6Page - ADTech ADT6780 Datasheet HTML 7Page - ADTech ADT6780 Datasheet HTML 8Page - ADTech ADT6780 Datasheet HTML 9Page - ADTech ADT6780 Datasheet HTML 10Page - ADTech ADT6780 Datasheet HTML 11Page - ADTech ADT6780 Datasheet HTML 12Page - ADTech ADT6780 Datasheet HTML 13Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Jul. 12. 2012 / Preliminary
13/13
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT6780
Thermally enhanced Low V
FB Step-Down LED Driver
Package ; SOP8-PP(E-pad), 4.9mm x 3.94mm body (units : mm)
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
1.350
1.750
0.053
0.069
A1
0.050
0.150
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.006
0.010
D
4.700
5.100
0.185
0.200
D1
3.202
3.402
0.126
0.134
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
E2
2.313
2.513
0.091
0.099
e
1.270 (BSC)
0.050 (BSC)
L
0.400
1.270
0.016
0.050
θ
0
o
8
o
0
o
8
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com