Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4261S Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TLE4261S
Description  5-V Low-Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4261S Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TLE4261S Datasheet HTML 1Page - Siemens Semiconductor Group TLE4261S Datasheet HTML 2Page - Siemens Semiconductor Group TLE4261S Datasheet HTML 3Page - Siemens Semiconductor Group TLE4261S Datasheet HTML 4Page - Siemens Semiconductor Group TLE4261S Datasheet HTML 5Page - Siemens Semiconductor Group TLE4261S Datasheet HTML 6Page - Siemens Semiconductor Group TLE4261S Datasheet HTML 7Page - Siemens Semiconductor Group TLE4261S Datasheet HTML 8Page - Siemens Semiconductor Group TLE4261S Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TLE 4261
Semiconductor Group
3
1998-11-01
Pin Configuration
(top view)
Pin Definitions and Functions (TLE 4261; S)
Pin
Symbol
Function
1
V
I
Input voltage; block a capacitor directly to ground on the IC. The
capacitor rating will depend on the vehicle electrical system.
Oscillation of the input voltage can be damped by a resistor of
approx. 1
Ω in series with the input capacitor.
2INH
Inhibit; switches off the IC when low.
3QRES
Reset output; open-collector output controlled by the rese delay.
4GND
Ground
5DRES
Reset delay; wired to ground using a capacitor.
6Watch
Watchdog; monitors the microprocessor when active.
7
V
Q
5-V output voltage; block to ground using a capacitor of
≥ 22 µF.
ESR is
≤ 3 Ω in the operating temperature range.
AEP00592
V Ι
INH
QRES
GND
DRES
Watch
VQ
4
3
2
15
6
7
AEP01181
V Ι
INH
QRES
GND
DRES
Watch
V Q
4
3
2
15
6
7
TLE 4261
TLE 4261 S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com