Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4264 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TLE4264
Description  5-V Low-Drop Fixed-Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4264 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  TLE4264 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4264 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4264 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4264 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4264 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4264 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4264 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4264 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4264 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor Group
8
1998-11-01
TLE 4264 G
Output Voltage
V
Q versus
Temperature
T
j
Output Voltage
V
Q versus
Input Voltage
V
i
Output Current
I
Q versus
Input Voltage
V
i
4.60
-40
AED01982
VQ
040
80
160
4.80
5.00
V
5.20
120 C
4.70
4.90
5.10
i
V = 13.5 V
j
T
0
0
AED01984
V
Q
24
6
10
2
4
V
6
8
1
3
5
L
R =50
Ω
i
V
V
0
0
AED01983
=
C
125
25 C
=
Q
Ι
V
i
10
20
30
40
50
50
100
150
200
mA
V
j
T
j
T



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com