Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4267G Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TLE4267G
Description  5-V Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4267G Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TLE4267G Datasheet HTML 1Page - Siemens Semiconductor Group TLE4267G Datasheet HTML 2Page - Siemens Semiconductor Group TLE4267G Datasheet HTML 3Page - Siemens Semiconductor Group TLE4267G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4267G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4267G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4267G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4267G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4267G Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TLE 4267
Semiconductor Group
3
1998-11-01
Pin Configuration
(top view)
Pin Definitions and Functions
Pin
Symbol
Function
1
I
Input; block to ground directly at the IC by a ceramic capacitor
2E2
Inhibit; device is turned-ON by High signal on this pin; internal
pulldown resistor of 100 k
Ω
3R
Reset Output; open-collector output internally connected to
the output via a resistor of 30 k
Ω
4GND
Ground; connected to rear of chip
5D
Reset Delay; connect with capacitor to GND for setting delay
6E6
Hold; see truth table above for function; this input is connected
to output voltage across pullup resistor of 50 k
Ω
7Q
5-V Output; block to GND with 22-
µF capacitor, ESR < 3 Ω
AEP02123
Ι
E2
R
GND
D
Q
4
3
2
15
6
7
E6
AEP01481
Ι
E2
R
GND
D
Q
4
3
2
15 6 7
E6
P-TO220-7-3
P-TO220-7-230
7
6
5
12 3
4
AEP01724
E6
D
GND
R
E2
Ι
P-TO220-7-180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com