Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4268GS Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TLE4268GS
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4268GS Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TLE4268GS Datasheet HTML 2Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 3Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 4Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 5Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 6Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 7Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 8Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 9Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TLE 4268
Semiconductor Group
6
1998-11-01
Operating Range
Optimum reliability and life time are guaranteed if the junction temperature does not
exceed 125
°C in operating mode. Operation at up to the maximum junction temperature
of 150
°C is possible in principle. Note, however, that operation at the maximum
permitted ratings could affect the reliability of the device.
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Input voltage
V
I
–45
V
–
Junction temperature
T
j
– 40
150
°C–
Thermal Resistance
Junction ambient (soldered)
R
thjA
R
thjA
–
200
70
K/W
K/W
P-DSO-8-1
P-DSO-20-6
Junction case
R
thjC
R
thjC
–60
25
K/W
K/W
P-DSO-8-1
P-DSO-20-6
Characteristics
V
I = 13.5 V; – 40 °C ≤ Tj ≤ 125 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Output voltage
V
Q
4.90
5.00
5.10
V
5 mA
≤ I
Q ≤ 150 mA;
6 V
≤ V
I ≤ 28 V;
Output current
limiting
I
Q
180
250
–
mA
–
Current consumption
I
q = II - IQ
I
q
–
300
450
µA
I
Q = 0 mA
Current consumption
I
q = II – IQ
I
q
–13
20
mA
I
Q = 150 mA
Drop voltage
V
DR
–0.25
0.5
V
I
Q = 150 mA
1)
Load regulation
∆V
Q
–10
30
mV
I
Q = 5 to 150 mA
Supply voltage
regulation
∆V
Q
–10
30
mV
V
I = 6 to 28 V
I
Q = 150 mA
1) Drop voltage = V
I – VQ (measured when the output voltage has dropped 100 mV from the nominal value
obtained at 13.5 V input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com