Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4274 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TLE4274
Description  Low-Drop Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4274 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TLE4274 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4274 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4274 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4274 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4274 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4274 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4274 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4274 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4274 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TLE 4274
Semiconductor Group
8
1998-11-01
Output Voltage V
Q versus
Junction Temperature T
j
Output Voltage V
Q versus
Input Voltage V
I
Current Consumption I
q versus
Input Voltage V
I
Input Current I
I versus
Input Voltage V
I
Typical Performance Characteristics (V50):
4.90
4.80
4.70
40
-40
0
4.60
5.00
V
5.20
5.10
Q
160
C
80
120
T j
AED01966
V Ι = 13.5 V
V
3
2
1
4
0
2
0
4
V
6
5
Q
10
68
V Ι
AED01968
V
V
V
Q
V Ι VQ
=
= 20
= 25 C
R L
j
T
Ω
0
0
20
30
10
mA
50
AED02269
q
Ι
10
20
30
V
RL = 20 Ω
V Ι
T j = 25 C
0
1.5
1.0
0.5
-50
-25
-2
0
mA
3.5
3.0
2.5
2.0
Ι Ι
T
R
j
L
= 25 C
Ω
= 10 k
V
25
50
V Ι
AED01977



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com