Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4271G Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TLE4271G
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4271G Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TLE4271G Datasheet HTML 2Page - Siemens Semiconductor Group TLE4271G Datasheet HTML 3Page - Siemens Semiconductor Group TLE4271G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4271G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4271G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4271G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4271G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4271G Datasheet HTML 9Page - Siemens Semiconductor Group TLE4271G Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TLE 4271
Semiconductor Group
6
1998-11-01
Optimum reliability and life time are guaranteed if the junction temperature does not
exceed 125
°C in operating mode. Operation at up to the maximum junction temperature
of 150
°C is possible in principle. Note, however, that operation at the maximum
permitted ratings could affect the reliability of the device.
Operating Range
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Input voltage
V
I
640
V
–
Junction temperature
T
j
– 40
150
°C–
Thermal Resistance
Junction ambient
R
thja
–65
70
K/W
K/W
–
SMD version
Junction case
R
thjc
Z
thjc
–
–
–
3
6
2
K/W
K/W
K/W
–
P-TO220-7-8
t
< 1ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com