Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4470GS Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # TLE4470GS
Description  Dual Low-Drop Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4470GS Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button TLE4470GS Datasheet HTML 6Page - Siemens Semiconductor Group TLE4470GS Datasheet HTML 7Page - Siemens Semiconductor Group TLE4470GS Datasheet HTML 8Page - Siemens Semiconductor Group TLE4470GS Datasheet HTML 9Page - Siemens Semiconductor Group TLE4470GS Datasheet HTML 10Page - Siemens Semiconductor Group TLE4470GS Datasheet HTML 11Page - Siemens Semiconductor Group TLE4470GS Datasheet HTML 12Page - Siemens Semiconductor Group TLE4470GS Datasheet HTML 13Page - Siemens Semiconductor Group TLE4470GS Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TLE 4470
Semiconductor Group
10
1998-11-01
Main-Regulator
Output 2
Output voltage
tracking accuracy
V
Q2 – VQ1 – 25
5
25
mV
5 mA <
I
Q2 < 100 mA;
6V<
V
I2 <40 V
Output voltage
tracking accuracy
V
Q2 – VQ1 – 25
5
25
mV
5 mA <
I
Q2 < 250 mA;
7V<
V
I2 <28 V
see note 2
Adjust input current
I
ADJ2
– 1
–
1
µA–
Output current
limitation
I
Q2
350
500
–
mA
see note 1
Output drop voltage
V
DRQ2 = VI2 – VQ2
V
DRQ2
–
300
600
mV
I
Q2 = 200 mA; see note 1
Current Consumption
Quiescent current;
I
q = II – IQ
I
q
–7
15
mA
I
Q2 = 200 mA
I
Q1 = 300 µA
Quiescent current;
I
q = II – IQ
I
q
–
250
500
µA
I
Q2 = IQ1 = 300 µA;
Tj = 25 °C
Regulator Performance
Load regulation
∆V
Q2
–5
25
mV
5 mA <
I
Q2 < 200 mA;
Line regulation
∆V
Q2
–5
20
mV
IQ2 = 5 mA;
6V< V
I2 <28V
Power-Supply-Ripple-
Rejection
PSRR
–60
–
dB
20 Hz <
f
r <20 kHz;
V
r = 5 Vss
Temperature output
voltage drift
∆V
Q2/∆T
–
0.5
–
mV/K –
d
V
I2/dt stability
V
Q2
4.5
–
5.5
V
no reset occurs; note 2
Value of output
capacitance
C
Q2
10
–
–
µF–
Electrical Characteristics (cont’d)
V
I1 = VI2 = 14 V; VDIS < VDISL; – 40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com