Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4905G Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # TLE4905G
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4905G Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button TLE4905G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4905G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4905G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4905G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4905G Datasheet HTML 9Page - Siemens Semiconductor Group TLE4905G Datasheet HTML 10Page - Siemens Semiconductor Group TLE4905G Datasheet HTML 11Page - Siemens Semiconductor Group TLE4905G Datasheet HTML 12Page - Siemens Semiconductor Group TLE4905G Datasheet HTML 13Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
TLE 4905 G; TLE 4935 G
TLE 4935-2 G; TLE 4945-2 G
Semiconductor Group
13
1998-04-29
Package Outline
Package Information
1.6
0.2 max
1.5
45˚
4.5
0.65 max
0.25 min
3
1.5
acc. to
+0.2
DIN 6784
0.25
1)
Ejector pin marking possible
1)
SOT-89 (SMD)
(Plastic Small Outline Transistor Package)
d
AEA02487
d: Distance chip to upper side of IC
SOT-89: 1.05 mm
Sorts of Packing
Package outlines for tubes, trays etc. are contained in our
Data Book “Package Information”.
Dimensions in mm
SMD = Surface Mounted Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com