Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4935-2L Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # TLE4935-2L
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4935-2L Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  TLE4935-2L Datasheet HTML 1Page - Siemens Semiconductor Group TLE4935-2L Datasheet HTML 2Page - Siemens Semiconductor Group TLE4935-2L Datasheet HTML 3Page - Siemens Semiconductor Group TLE4935-2L Datasheet HTML 4Page - Siemens Semiconductor Group TLE4935-2L Datasheet HTML 5Page - Siemens Semiconductor Group TLE4935-2L Datasheet HTML 6Page - Siemens Semiconductor Group TLE4935-2L Datasheet HTML 7Page - Siemens Semiconductor Group TLE4935-2L Datasheet HTML 8Page - Siemens Semiconductor Group TLE4935-2L Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TLE 4905 L; TLE 4935 L;
TLE 4935-2 L; TLE 4945 L; TLE 4945-2L
Semiconductor Group
5
1997-09-01
Functional Description Bipolar Type TLE 4935/35-2/45 (figure 5 and 6)
When a positive magnetic field is applied in the indicated direction (figure 5) and the
turn-on magnetic induction
B
OP is exceeded, the output of the Hall-effect IC will conduct
(Operate Point). When a reverse magnetic field is generated, the output of the IC turns
off (Release Point; figure 6).
Figure 5
Sensor/Magnetic-Field Configuration
Figure 6
Switching Characteristics Bipolar Type
AES01231
S
N
Branded Side
+
V
S
-
V
Q
+
Ι
AED01421
Induction
Output Voltage
0
B
RP
OP
B
B
t
V
QH
V
QL
Q
V
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com