Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5203 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TLE5203
Description  3-A DC Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5203 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TLE5203 Datasheet HTML 4Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 5Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 6Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 7Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 8Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 9Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 10Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 11Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TLE 5203
Semiconductor Group
8
1998-02-01
Electrical Characteristics
V
S = 6 to 18 V; Tj = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
General
Quiescent current
Turn-ON delay
Turn-OFF delay
Turn-ON time
Turn-OFF time
Undervoltage
Undervoltage
I
q
t
d1
t
d2
t
r
t
f
V
S
V
S
–
–
–
–
–
–
–
–
10
–
10
–
5.5
4.5
10
20
10
20
10
5.9
5.2
mA
µs
µs
µs
µs
V
V
I
L = 0 A
Input to output
Input to output
I
Q = 2.5 A;
cf diagram
I
Q = 2.5 A;
cf diagram
I
C ON
I
C OFF
Logic
Control inputs
H-input voltage
L-input voltage
V
IH
V
IL
2.8
–
–
–
–
1.2
V
V
–
–
Hysteresis of
input voltage
∆V
I
0.4
0.8
1.2
V
–
H-input current
L-input current
I
I
I
I
–2
–10
–
–4
2
0
µA
µA
V
I = VIH
V
I = VIL
Diagnosis output
Delay time
L-output voltage
Leakage current
t
d
V
EF
I
RD
20
–
–
40
–
–
60
0.4
10
µs
V
µA
–
I = 3 mA
–
Error detection
Switching threshold U
Switching threshold L
Overcurrent 1
V
EH
V
EL
I
F1
2
2
3
2.7
2.7
4
3.5
3.5
5
V
V
A
Error low
Error high
Error low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com