Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-2014-2-4-LP-FS-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-2014-2-4-LP-FS-R
Description  MODULAR JACK, 8P8C
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-2014-2-4-LP-FS-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-2014-2-4-LP-FS-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2010 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
A-2014-2-4-LP/FS-R
Modular Jack, 8P8C, RJ45, Top Entry, 180°,
Shielded, 6—”, Round Pin
MM = ±0.25 (except Pin Lengths)
Pin Lengths MM = ±0.40
Materials:
• Housing: Nylon (UL 94V-0),
Soldering Temperature 260°C
• Color: Black Color
• Spring Wire: 0.35MM Thickness Phosphor
Bronze Gold Plating over Nickel
• Shielded: Brass Plating Nickel
• Temperature Range: -40°C ~ +85°C
• Durability: 500 Mating cycles Min.
Electrical:
• Insulation Resistance: 500MŸ (Min.)
• Contact Resistance: 20MŸ (Max.)
• Rating Current: 1.5A (Max.)
• Rating Voltage: 120V AC
• Dielectric Voltage: 1,000Vrms 60 Sec. Min.
18.30
PC Layout
(Top View)


Similar Part No. - A-2014-2-4-LP-FS-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-2014-2-4-N-T ASSMANN-A-2014-2-4-N-T Datasheet
198Kb / 1P
PCB JACK, 8P8C
A-2014-2-4-N-T-R ASSMANN-A-2014-2-4-N-T-R Datasheet
223Kb / 1P
PCB JACK, 8P8C
A-2014-2-4-R ASSMANN-A-2014-2-4-R Datasheet
226Kb / 1P
PCB JACK, 8P8C
A-2014-2-4-SMT-N ASSMANN-A-2014-2-4-SMT-N Datasheet
284Kb / 1P
Phosphor Bronze
A-2014-2-4-SMT-N-R ASSMANN-A-2014-2-4-SMT-N-R Datasheet
226Kb / 1P
MODULAR JACK, 8P8C
More results

Similar Description - A-2014-2-4-LP-FS-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-2004-2-4-N-R ASSMANN-A-2004-2-4-N-R Datasheet
278Kb / 1P
MODULAR JACK, 8P8C
A-2004-2-4-R ASSMANN-A-2004-2-4-R Datasheet
289Kb / 1P
MODULAR JACK, 8P8C
A-2014-2-4-SMT-N-R ASSMANN-A-2014-2-4-SMT-N-R Datasheet
226Kb / 1P
MODULAR JACK, 8P8C
logo
Wurth Elektronik GmbH &...
615008138021 WURTH-615008138021 Datasheet
669Kb / 2P
VERTICAL PLASTIC 8P8C MODULAR JACK
615008138221 WURTH-615008138221 Datasheet
265Kb / 1P
VERTICAL SHIELDED 8P8C FRONT POST MODULAR JACK
615008140421 WURTH-615008140421 Datasheet
260Kb / 1P
VERTICAL SHIELDED 8P8C REAR POST MODULAR JACK
615008144221 WURTH-615008144221 Datasheet
676Kb / 2P
VERTICAL PLASTIC 8P8C MODULAR JACK WITH EARS
615008148521 WURTH-615008148521 Datasheet
374Kb / 3P
HORIZONTAL PLASTIC MODULAR JACK 8P8C TAB UP
615008149521M WURTH-615008149521M Datasheet
711Kb / 3P
HORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
615008142521 WURTH-615008142521 Datasheet
253Kb / 1P
45° PLASTIC 8P8C MODULAR JACK
G 03-APR-14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com