Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-CCS44-G-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-CCS44-G-R
Description  PLCC SOCKET 44 PIN, GOLD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-CCS44-G-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-CCS44-G-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - A-CCS44-G-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-CCS44-G ASSMANN-A-CCS44-G Datasheet
175Kb / 1P
PLCC SOCKET SOLDER TAIL
More results

Similar Description - A-CCS44-G-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-CCS44-Z-R ASSMANN-A-CCS44-Z-R Datasheet
266Kb / 1P
PLCC SOCKET 44 PIN, TIN
A-CCS44-Z-SM-R ASSMANN-A-CCS44-Z-SM-R Datasheet
255Kb / 1P
PLCC SOCKET 44 PIN, TIN, SMT
logo
List of Unclassifed Man...
PA17C42-DP ETC2-PA17C42-DP Datasheet
33Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA17C42-PD ETC2-PA17C42-PD Datasheet
34Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA40-44-01-DP ETC2-PA40-44-01-DP Datasheet
40Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA40-44-33-DP ETC2-PA40-44-33-DP Datasheet
41Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA40-44-P64-DP ETC2-PA40-44-P64-DP Datasheet
33Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA40-44-X-DZ-PP ETC2-PA40-44-X-DZ-PP Datasheet
53Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA44-PP ETC2-PA44-PP Datasheet
34Kb / 1P
44 pin PLCC socket/44 pin PLCC plug
PA51-44 ETC2-PA51-44 Datasheet
36Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com