Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-DF09PP-WP-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-DF09PP-WP-R
Description  WATERPRROD D-SUB CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-DF09PP-WP-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-DF09PP-WP-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Waldmann
Drawn
11.19.11
Approved
11.19.11
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
Complaint
RoHS
rev01
A-DF09PP-WP-R
Waterprood D-Sub Connector -
Straight Pin, for PCB Mount, 9 Contacts Female
Unit: MM±0.1MM
Quality Control: Important Dimension to check
Material:
• Waterproof Rate: IP68
- IP68: 1M of depth of water 24 hours
- Do Mating Test After Glued
• D-Sub Connector: Black Core, PBT
• Plastic Jacket: Black, Nylon+GF
• Pin: Copper Alloy, Gold Plated
• Ring: Light Blue, Silicone
• Screw: Copper Alloy, Nickel Plated, #4-40 UNC
• The 180° Board Lock Needs To Connect The Iron
Shell 180°
Screw L=5.0 For Panel Thickness
Under 1.2 mm
Screw L=6.0 For Panel Thickness
Between 1.2~2.0mm
Recommended Panel Cut-Out
Panel Thickness
9 Pin Female Connector
PCB Pin Layout
Scale 2:1


Similar Part No. - A-DF09PP-WP-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-DF09PP-TL-B-R ASSMANN-A-DF09PP-TL-B-R Datasheet
106Kb / 1P
D-SUB CONNECTOR SOLDER TAIL
More results

Similar Description - A-DF09PP-WP-R

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
070546FR015S260ZR SUYIN-USA-070546FR015S260ZR Datasheet
116Kb / 1P
D-SUB CONNECTOR
logo
Adam Technologies, Inc.
D3W3-PL-1-1 ADAM-TECH-D3W3-PL-1-1 Datasheet
75Kb / 1P
D-SUB CONNECTOR
D5W5-SL-1-2A ADAM-TECH-D5W5-SL-1-2A Datasheet
83Kb / 1P
D-SUB CONNECTOR
D9W4-SDP-4 ADAM-TECH-D9W4-SDP-4 Datasheet
101Kb / 1P
D-SUB CONNECTOR
D21W4-SL-1-3-BL ADAM-TECH-D21W4-SL-1-3-BL Datasheet
86Kb / 1P
D-SUB CONNECTOR
D24W7-SL-1-1 ADAM-TECH-D24W7-SL-1-1 Datasheet
79Kb / 1P
D-SUB CONNECTOR
D36W4-PL-1-4-BL ADAM-TECH-D36W4-PL-1-4-BL Datasheet
85Kb / 1P
D-SUB CONNECTOR
D43W2-SL-1-X-BL ADAM-TECH-D43W2-SL-1-X-BL Datasheet
86Kb / 1P
D-SUB CONNECTOR
DB37-SJR-24 ADAM-TECH-DB37-SJR-24 Datasheet
89Kb / 1P
D-SUB CONNECTOR
logo
CONEC Elektronische Bau...
DLS1XS5AK40X CONEC-DLS1XS5AK40X Datasheet
173Kb / 1P
D-Sub Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com